Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM504 Datasheet(PDF) 21 Page - Texas Instruments

Part # DM504
Description  SoC for Vision Analytics 12mm Package (ABE) Silicon Revision 2.0
PDF  211 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM504 Datasheet(HTML) 21 Page - Texas Instruments

Back Button DM504 Datasheet HTML 17Page - Texas Instruments DM504 Datasheet HTML 18Page - Texas Instruments DM504 Datasheet HTML 19Page - Texas Instruments DM504 Datasheet HTML 20Page - Texas Instruments DM504 Datasheet HTML 21Page - Texas Instruments DM504 Datasheet HTML 22Page - Texas Instruments DM504 Datasheet HTML 23Page - Texas Instruments DM504 Datasheet HTML 24Page - Texas Instruments DM504 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 211 page
background image
Copyright © 2016–2017, Texas Instruments Incorporated
Terminal Configuration and Functions
Submit Documentation Feedback
21
DM504
www.ti.com
SPRS977A – NOVEMBER 2016 – REVISED JANUARY 2017
Table 4-1. Pin Attributes(1) (continued)
BALL NUMBER
BOTTOM [1]
BALL NUMBER
TOP [2]
BALL NAME [3]
SIGNAL NAME [4]
MUXMODE
[5]
TYPE [6]
BALL
RESET
STATE [7]
BALL
RESET
REL.
STATE [8]
BALL
RESET
REL.
MUXMODE
[9]
I/O
VOLTAGE
VALUE
[10]
POWER
[11]
HYS [12]
BUFFER
TYPE [13]
PULL
UP/DOWN
TYPE [14]
DSIS [15]
C5
uart1_ctsn
uart1_ctsn
0
I
PU
PU
15
1.8/3.3
vddshv3
Yes
Dual
Voltage
LVCMOS
PU/PD
1
xref_clk1
1
I
uart3_rxd
2
I
1
spi4_sclk
4
IO
0
spi1_cs2
5
IO
1
timer3
6
IO
ehrpwm1_synci
7
I
0
clkout0
8
O
vin2a_hsync0
9
I
dcan1_tx
12
IO
gpio4_15
14
IO
Driver off
15
I
D7
uart1_rtsn
uart1_rtsn
0
O
PU
PU
15
1.8/3.3
vddshv3
Yes
Dual
Voltage
LVCMOS
PU/PD
uart3_txd
2
O
spi4_cs0
4
IO
1
spi1_cs3
5
IO
1
timer4
6
IO
ehrpwm1_synco
7
O
qspi1_rtclk
8
I
0
vin2a_vsync0
9
I
dcan1_rx
12
IO
gpio4_16
14
IO
Driver off
15
I
B4
uart1_rxd
uart1_rxd
0
I
PU
PU
15
1.8/3.3
vddshv3
Yes
Dual
Voltage
LVCMOS
PU/PD
1
spi4_d1
4
IO
0
qspi1_rtclk
5
I
0
mcan_tx
12
IO
1
gpio4_13
14
IO
Driver off
15
I
D6
uart1_txd
uart1_txd
0
O
PU
PU
15
1.8/3.3
vddshv3
Yes
Dual
Voltage
LVCMOS
PU/PD
spi4_d0
4
IO
0
mcan_rx
12
IO
1
gpio4_14
14
IO
Driver off
15
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com