Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM504 Datasheet(PDF) 33 Page - Texas Instruments

Part # DM504
Description  SoC for Vision Analytics 12mm Package (ABE) Silicon Revision 2.0
PDF  211 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM504 Datasheet(HTML) 33 Page - Texas Instruments

Back Button DM504 Datasheet HTML 29Page - Texas Instruments DM504 Datasheet HTML 30Page - Texas Instruments DM504 Datasheet HTML 31Page - Texas Instruments DM504 Datasheet HTML 32Page - Texas Instruments DM504 Datasheet HTML 33Page - Texas Instruments DM504 Datasheet HTML 34Page - Texas Instruments DM504 Datasheet HTML 35Page - Texas Instruments DM504 Datasheet HTML 36Page - Texas Instruments DM504 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 211 page
background image
Copyright © 2016–2017, Texas Instruments Incorporated
Terminal Configuration and Functions
Submit Documentation Feedback
33
DM504
www.ti.com
SPRS977A – NOVEMBER 2016 – REVISED JANUARY 2017
3. TYPE: Signal direction and type:
–
I = Input
–
O = Output
–
IO = Input or output
–
D = Open Drain
–
DS = Differential
–
A = Analog
–
PWR = Power
–
GND = Ground
4. BALL: Associated ball(s) bottom
NOTE
For more information, see the Control Module / Control Module Register Manual section of the device TRM.
4.3.1
VIP
NOTE
For more information, see the Video Input Port (VIP) section of the device TRM.
CAUTION
The IO timings provided in Section 5.9, Timing Requirements and Switching Characteristics are are only valid for VIN1
and VIN2 if signals within a single IOSET are used. The IOSETs are defined in the Table 5-31 and Table 5-32.
Table 4-2. VIP Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
Video Input 1
vin1a_clk0
Video Input 1 Port A Clock input.Input clock for 8-bit 16-bit or 24-bit Port A video capture. Input data is sampled on
the CLK0 edge.
I
E15
vin1a_d0
Video Input 1 Port A Data input
I
F13
vin1a_d1
Video Input 1 Port A Data input
I
F15
vin1a_d2
Video Input 1 Port A Data input
I
G16
vin1a_d3
Video Input 1 Port A Data input
I
G15
vin1a_d4
Video Input 1 Port A Data input
I
H16
vin1a_d5
Video Input 1 Port A Data input
I
H15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com