Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM504 Datasheet(PDF) 6 Page - Texas Instruments

Part # DM504
Description  SoC for Vision Analytics 12mm Package (ABE) Silicon Revision 2.0
PDF  211 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM504 Datasheet(HTML) 6 Page - Texas Instruments

Back Button DM504 Datasheet HTML 2Page - Texas Instruments DM504 Datasheet HTML 3Page - Texas Instruments DM504 Datasheet HTML 4Page - Texas Instruments DM504 Datasheet HTML 5Page - Texas Instruments DM504 Datasheet HTML 6Page - Texas Instruments DM504 Datasheet HTML 7Page - Texas Instruments DM504 Datasheet HTML 8Page - Texas Instruments DM504 Datasheet HTML 9Page - Texas Instruments DM504 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 211 page
background image
6
DM504
SPRS977A – NOVEMBER 2016 – REVISED JANUARY 2017
www.ti.com
Submit Documentation Feedback
Device Comparison
Copyright © 2016–2017, Texas Instruments Incorporated
3
Device Comparison
3.1
Device Comparison Table
Table 3-1 shows a comparison between devices, highlighting the differences.
Table 3-1. Device Comparison
Features
Device
DM504L
Processors/ Accelerators
Speed Grades
B
C66x VLIW DSP
DSP1
Yes
DSP2
No
Display Subsystem
VOUT1
Yes
SD_DAC
Yes
Embedded Vision Engine (EVE)
EVE1
Yes
ARM Dual Cortex-M4 Image Processing Unit (IPU)
IPU1
Yes
Imaging Subsystem Processor (ISS) with MIPI CSI-2
and CPI ports
ISP
Yes
WDR & Mesh LDC (1)
Yes
CAL_A
Yes
CAL_B
Yes
LVDS-RX
Yes
CPI
Yes
Video Input Port (VIP)
VIP1
vin1a
Yes
vin1b
No
vin2a
Yes
vin2b
Yes
Program/Data Storage
On-Chip Shared Memory (RAM)
OCMC_RAM1
512 kB
General-Purpose Memory Controller (GPMC)
GPMC
No
DDR3 Memory Controller
EMIF1 (optional with
SECDED)
No
LPDDR2 Memory Controller
EMIF1 (optional with
SECDED)
up to 2GB
Peripherals
Controller Area Network Interface (CAN)
DCAN1
Yes
MCAN
Yes(2)
Enhanced DMA (EDMA)
EDMA
Yes
Embedded 8 channel ADC
ADC
Yes
Ethernet Subsystem (Ethernet SS)
GMAC_SW[0]
RGMII Only
GMAC_SW[1]
No
General-Purpose IO (GPIO)
GPIO
Up to 126
Inter-Integrated Circuit Interface (I2C)
I2C
2
System Mailbox Module
MAILBOX
2
Multichannel Audio Serial Port (McASP)
McASP1
16 serializers
McASP2
6 serializers
McASP3
6 serializers
MultiMedia Card/Secure Digital/Secure Digital Input
Output Interface (MMC/SD/SDIO)
MMC
1x SDIO 4b
Multichannel Serial Peripheral Interface (McSPI)
McSPI
4
Quad SPI (QSPI)
QSPI
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com