Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM504 Datasheet(PDF) 37 Page - Texas Instruments

Part # DM504
Description  SoC for Vision Analytics 12mm Package (ABE) Silicon Revision 2.0
PDF  211 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM504 Datasheet(HTML) 37 Page - Texas Instruments

Back Button DM504 Datasheet HTML 33Page - Texas Instruments DM504 Datasheet HTML 34Page - Texas Instruments DM504 Datasheet HTML 35Page - Texas Instruments DM504 Datasheet HTML 36Page - Texas Instruments DM504 Datasheet HTML 37Page - Texas Instruments DM504 Datasheet HTML 38Page - Texas Instruments DM504 Datasheet HTML 39Page - Texas Instruments DM504 Datasheet HTML 40Page - Texas Instruments DM504 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 211 page
background image
37
DM504
www.ti.com
SPRS977A – NOVEMBER 2016 – REVISED JANUARY 2017
Submit Documentation Feedback
Terminal Configuration and Functions
Copyright © 2016–2017, Texas Instruments Incorporated
4.3.4
ADC
NOTE
For more information, see the ADC / ADC Overview of the device TRM.
Table 4-5. ADC Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
adc_in0
ADC analog channel input 0
A
N17
adc_in1
ADC analog channel input 1
A
N16
adc_in2
ADC analog channel input 2
A
N15
adc_in3
ADC analog channel input 3
A
P17
adc_in4
ADC analog channel input 4
A
P16
adc_in5
ADC analog channel input 5
A
M15
adc_in6
ADC analog channel input 6
A
L17
adc_in7
ADC analog channel input 7
A
M14
adc_vrefp
ADC positive reference voltage
A
L16
4.3.5
Camera Control
NOTE
For more information, see the Imaging Subsystem (ISS) section of the device TRM.
Table 4-6. Camera Control Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
cam_strobe
Camera flash activation trigger
O
A12, C12, G17
cam_shutter
Camera mechanical shutter control
O
B12, D12, L14
cam_nreset
Camera sensor reset
IO
T3
4.3.6
CPI
Table 4-7. CPI Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
cpi_pclk
Camera pixel clock
I
E15
cpi_hsync
Camera horizontal synchonization
IO
F14
cpi_vsync
Camera vertical synchonization
IO
G14
cpi_data0
Camera parallel data 0
I
F17
cpi_data1
Camera parallel data 1
I
F16
cpi_data2
Camera parallel data 2
I
F13
cpi_data3
Camera parallel data 3
I
F15
cpi_data4
Camera parallel data 4
I
G16
cpi_data5
Camera parallel data 5
I
G15
cpi_data6
Camera parallel data 6
I
H16
cpi_data7
Camera parallel data 7
I
H15
cpi_data8
Camera parallel data 8
I
J16
cpi_data9
Camera parallel data 9
I
J15
cpi_data10
Camera parallel data 10
I
K16
cpi_data11
Camera parallel data 11
I
L15
cpi_data12
Camera parallel data 12
I
K15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com