Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM504 Datasheet(PDF) 39 Page - Texas Instruments

Part # DM504
Description  SoC for Vision Analytics 12mm Package (ABE) Silicon Revision 2.0
PDF  211 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM504 Datasheet(HTML) 39 Page - Texas Instruments

Back Button DM504 Datasheet HTML 35Page - Texas Instruments DM504 Datasheet HTML 36Page - Texas Instruments DM504 Datasheet HTML 37Page - Texas Instruments DM504 Datasheet HTML 38Page - Texas Instruments DM504 Datasheet HTML 39Page - Texas Instruments DM504 Datasheet HTML 40Page - Texas Instruments DM504 Datasheet HTML 41Page - Texas Instruments DM504 Datasheet HTML 42Page - Texas Instruments DM504 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 211 page
background image
39
DM504
www.ti.com
SPRS977A – NOVEMBER 2016 – REVISED JANUARY 2017
Submit Documentation Feedback
Terminal Configuration and Functions
Copyright © 2016–2017, Texas Instruments Incorporated
Table 4-9. EMIF1 Signal Descriptions (continued)
SIGNAL
NAME
DESCRIPTION
TYPE
BOTTOM BALL
TOP BALL
ddr1_ca5
EMIF1 command / address bit 5
O
W1
ddr1_ca6
EMIF1 command / address bit 6
O
V2
ddr1_ca7
EMIF1 command / address bit 7
O
U1
ddr1_ca8
EMIF1 command / address bit 8
O
T2
ddr1_ca9
EMIF1 command / address bit 9
O
T1
ddr1_cke0
EMIF1 Clock Enable 0
O
AC3
ddr1_nck
EMIF1 Negative Clock
O
Y1
ddr1_csn0
EMIF1 Chip Select 0
O
AB3
ddr1_ck
EMIF1 Clock
O
Y2
ddr1_d0
EMIF1 Data Bus
IO
AA23
ddr1_d1
EMIF1 Data Bus
IO
Y22
ddr1_d2
EMIF1 Data Bus
IO
W22
ddr1_d3
EMIF1 Data Bus
IO
W23
ddr1_d4
EMIF1 Data Bus
IO
V23
ddr1_d5
EMIF1 Data Bus
IO
U22
ddr1_d6
EMIF1 Data Bus
IO
T22
ddr1_d7
EMIF1 Data Bus
IO
T23
ddr1_d8
EMIF1 Data Bus
IO
H22
ddr1_d9
EMIF1 Data Bus
IO
H23
ddr1_d10
EMIF1 Data Bus
IO
G23
ddr1_d11
EMIF1 Data Bus
IO
F22
ddr1_d12
EMIF1 Data Bus
IO
E22
ddr1_d13
EMIF1 Data Bus
IO
E23
ddr1_d14
EMIF1 Data Bus
IO
D23
ddr1_d15
EMIF1 Data Bus
IO
C22
ddr1_d16
EMIF1 Data Bus
IO
AB12
ddr1_d17
EMIF1 Data Bus
IO
AC13
ddr1_d18
EMIF1 Data Bus
IO
AB14
ddr1_d19
EMIF1 Data Bus
IO
AC14
ddr1_d20
EMIF1 Data Bus
IO
AB15
ddr1_d21
EMIF1 Data Bus
IO
AC16
ddr1_d22
EMIF1 Data Bus
IO
AB17
ddr1_d23
EMIF1 Data Bus
IO
AC17
ddr1_d24
EMIF1 Data Bus
IO
B17
ddr1_d25
EMIF1 Data Bus
IO
A17
ddr1_d26
EMIF1 Data Bus
IO
A16
ddr1_d27
EMIF1 Data Bus
IO
B15
ddr1_d28
EMIF1 Data Bus
IO
B14
ddr1_d29
EMIF1 Data Bus
IO
A14
ddr1_d30
EMIF1 Data Bus
IO
A13
ddr1_d31
EMIF1 Data Bus
IO
B12
ddr1_dqm0
EMIF1 Data Mask
IO
N23
ddr1_dqm1
EMIF1 Data Mask
IO
L23
ddr1_dqm2
EMIF1 Data Mask
IO
AB20
ddr1_dqm3
EMIF1 Data Mask
IO
B20
ddr1_dqs0
Data strobe 0 input/output for byte 0 of the 32-bit data bus. This signal is
output to the EMIF1 memory when writing and input when reading.
IO
R23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com