Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM504 Datasheet(PDF) 8 Page - Texas Instruments

Part # DM504
Description  SoC for Vision Analytics 12mm Package (ABE) Silicon Revision 2.0
PDF  211 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM504 Datasheet(HTML) 8 Page - Texas Instruments

Back Button DM504 Datasheet HTML 4Page - Texas Instruments DM504 Datasheet HTML 5Page - Texas Instruments DM504 Datasheet HTML 6Page - Texas Instruments DM504 Datasheet HTML 7Page - Texas Instruments DM504 Datasheet HTML 8Page - Texas Instruments DM504 Datasheet HTML 9Page - Texas Instruments DM504 Datasheet HTML 10Page - Texas Instruments DM504 Datasheet HTML 11Page - Texas Instruments DM504 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 211 page
background image
SPRS917_BALL_01
8
DM504
SPRS977A – NOVEMBER 2016 – REVISED JANUARY 2017
www.ti.com
Submit Documentation Feedback
Terminal Configuration and Functions
Copyright © 2016–2017, Texas Instruments Incorporated
4
Terminal Configuration and Functions
4.1
Pin Diagram
Figure 4-1 and Figure 4-2 shows the ball locations for the 244 plastic ball grid array (PBGA) package and
are used in conjunction with Table 4-1 through Table 4-25 to locate signal names and ball grid numbers.
Figure 4-1. ABE S-PBGA-N244 Package (Bottom View)
NOTE
The following bottom balls are not connected: C4 / C14 / D3 / D4 / D5 / D8 / D9 / D10 / D13 /
D14 / D15 / E4 / E14 / G7 / G8 / G9 / G10 / G11 / H4 / H14 / J4 / J14 / K4 / K7 / K8 / K9 /
K10 / K11 / K14 / M7 / M9 / M11 / N4 / N14 / P3 / P4 / P5 / P8 / P9 / P10 / P13 / P14 / P15 /
R4 / R14.
These balls do not exist on the package.
Figure 4-2. ABE S-PBGA-N244 Package (Top View)
NOTE
The following top balls are not connected: A10 / A9 / A8 / A7 / A6 / A5 / A4 / A3 / B9 / B7 /
B6 / B4 / D2 / D1 / E2 / E1 / L2 / L1 / M1 / N1.
4.2
Pin Attributes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com