Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM504 Datasheet(PDF) 1 Page - Texas Instruments

Part # DM504
Description  SoC for Vision Analytics 12mm Package (ABE) Silicon Revision 2.0
PDF  211 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM504 Datasheet(HTML) 1 Page - Texas Instruments

  DM504 Datasheet HTML 1Page - Texas Instruments DM504 Datasheet HTML 2Page - Texas Instruments DM504 Datasheet HTML 3Page - Texas Instruments DM504 Datasheet HTML 4Page - Texas Instruments DM504 Datasheet HTML 5Page - Texas Instruments DM504 Datasheet HTML 6Page - Texas Instruments DM504 Datasheet HTML 7Page - Texas Instruments DM504 Datasheet HTML 8Page - Texas Instruments DM504 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 211 page
background image
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for pre-production products; subject to
change without notice.
DM504
SPRS977A – NOVEMBER 2016 – REVISED JANUARY 2017
DM50x SoC for Vision Analytics
12mm Package (ABE) Silicon Revision 2.0
1
Device Overview
1
1.1
Features
1
• Architecture Designed for Vision Analytics
Applications
• Video and Image Processing Support
– Full-HD Video (1920x1080p, 60 fps)
– Video Input and Video Output
• C66x Floating-Point VLIW DSP
– Fully Object-Code Compatible with C67x and
C64x+
– Up to Thirty-two 16 x 16-bit Fixed-point
Multiplies per Cycle
• Up to 512 kB of On-Chip L3 RAM
• Level 3 (L3) and Level 4 (L4) Interconnects
• LPDDR2 Memory Interface (EMIF) Module
– Supports Up to DDR2-800
– Up to 2-GB Supported
• Dual ARM® Cortex®-M4 Image Processor (IPU)
• Vision AccelerationPac
– Embedded Vision Engine (EVE)
• Display Subsystem
– Display Controller With DMA Engine
– CVIDEO / SD-DAC TV Analog Composite
Output
• Video Input Port (VIP) Module
– Support for Up to 3 Multiplexed Input Ports
• On-Chip Temperature Sensor That is Capable of
Generating Temperature Alerts
• Enhanced Direct Memory Access (EDMA)
Controller
• Gigabit Ethernet (GMAC) Switch
• Controller Area Network (DCAN) Module
– CAN 2.0B Protocol
• Modular Area Network (MCAN) Module
– CAN 2.0B Protocol
• Eight 32-Bit General-Purpose Timers
• Three Configurable UART Modules
• Four Multichannel Serial Peripheral Interfaces
(McSPI)
• Quad SPI Interface
• Two Inter-Integrated Circuit (I2C) Ports
• Three Multichannel Audio Serial Ports (McASP)
Modules
• MultiMedia Card/Secure Digital/Secure Digital
Input Output Interface (MMC/SD/SDIO)
• Up to 126 General-Purpose I/O (GPIO) Pins
• Power, Reset, and Clock Management
• On-Chip Debug With CTools Technology
• Automotive AEC-Q100 Qualified
• 12 x 12mm, 0.65-mm Pitch, 244 Pin POP PBGA
(ABE) With the Capability to Mount LPDDR2 and
QSPI FLASH Memories
• Seven Dual Clock Comparators (DCC)
• Memory Cyclic Redundancy Check (CRC)
• TESOC (LBIST/PBIST) That Enables Field Testing
of Logic and On-Chip Memory
• Error Signaling Module (ESM)
• Five Instances of Real-Time Interrupt (RTI)
Modules That Can be Used as Watch Dog Timers
• 8-Channel 10-bit ADC
• MIPI CSI-2 Camera Serial Interface
• PWMSS


Similar Part No. - DM504

ManufacturerPart #DatasheetDescription
logo
AG Electronica
DM502-O3 AGELECTRONICA-DM502-O3 Datasheet
505Kb / 5P
MONITOR DE CALIDAD DEL AIRE TVOC, TEMP, HUM y O3
Version 1.0
logo
Texas Instruments
DM505 TI1-DM505 Datasheet
3Mb / 286P
SoC for Radar and Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
DM505 TI1-DM505 Datasheet
3Mb / 290P
SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
DM505 TI1-DM505 Datasheet
3Mb / 290P
SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
DM505 TI2-DM505 Datasheet
2Mb / 295P
DM505 SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
REVISED MAY 2018
More results

Similar Description - DM504

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DM505 TI1-DM505 Datasheet
3Mb / 286P
SoC for Radar and Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
TDA2EG TI1-TDA2EG Datasheet
4Mb / 393P
SoC for Advanced Driver Assistance Systems (ADAS) 23mm Package (ABC Package) Silicon Revision 2.0
DM505 TI1-DM505_17 Datasheet
3Mb / 290P
SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
TDA2EG-17 TI1-TDA2EG-17 Datasheet
4Mb / 391P
SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package) Silicon Revision 2.0
DM505_017 TI1-DM505_017 Datasheet
3Mb / 290P
SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
TDA3MV TI1-TDA3MV Datasheet
3Mb / 256P
TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MV TI1-TDA3MV_17 Datasheet
3Mb / 256P
SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3 TI1-TDA3_18 Datasheet
2Mb / 261P
SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MV TI1-TDA3MV_V02 Datasheet
3Mb / 271P
TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MV TI1-TDA3MV_V03 Datasheet
3Mb / 270P
TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com