Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM504 Datasheet(PDF) 49 Page - Texas Instruments

Part # DM504
Description  SoC for Vision Analytics 12mm Package (ABE) Silicon Revision 2.0
PDF  211 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM504 Datasheet(HTML) 49 Page - Texas Instruments

Back Button DM504 Datasheet HTML 45Page - Texas Instruments DM504 Datasheet HTML 46Page - Texas Instruments DM504 Datasheet HTML 47Page - Texas Instruments DM504 Datasheet HTML 48Page - Texas Instruments DM504 Datasheet HTML 49Page - Texas Instruments DM504 Datasheet HTML 50Page - Texas Instruments DM504 Datasheet HTML 51Page - Texas Instruments DM504 Datasheet HTML 52Page - Texas Instruments DM504 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 211 page
background image
49
DM504
www.ti.com
SPRS977A – NOVEMBER 2016 – REVISED JANUARY 2017
Submit Documentation Feedback
Terminal Configuration and Functions
Copyright © 2016–2017, Texas Instruments Incorporated
Table 4-21. Debug Signal Descriptions (continued)
SIGNAL NAME
DESCRIPTION
TYPE
BALL
emu4
Emulator pin 4
O
T9
emu5
Emulator pin 5
O
U9
emu6
Emulator pin 6
O
R9
emu7
Emulator pin 7
O
T8
emu8
Emulator pin 8
O
U7
emu9
Emulator pin 9
O
R8
emu10
Emulator pin 10
O
R7
emu11
Emulator pin 11
O
T7
emu12
Emulator pin 12
O
T6
emu13
Emulator pin 13
O
U6
emu14
Emulator pin 14
O
R6
emu15
Emulator pin 15
O
T5
emu16
Emulator pin 16
O
R5
emu17
Emulator pin 17
O
U4
emu18
Emulator pin 18
O
T4
emu19
Emulator pin 19
O
U3
4.3.21 System and Miscellaneous
4.3.21.1 Sysboot
NOTE
For more information, see the Initialization (ROM Code) section of the device TRM.
Table 4-22. Sysboot Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
sysboot0
Boot Mode Configuration 0. The value latched on this pin upon porz reset release
will determine the boot mode configuration of the device.
I
C6
sysboot4
Boot Mode Configuration 4. The value latched on this pin upon porz reset release
will determine the boot mode configuration of the device.
I
M3
sysboot7
Boot Mode Configuration 7. The value latched on this pin upon porz reset release
will determine the boot mode configuration of the device.
I
L2
sysboot8
Boot Mode Configuration 8. The value latched on this pin upon porz reset release
will determine the boot mode configuration of the device.
I
R3
sysboot9
Boot Mode Configuration 9. The value latched on this pin upon porz reset release
will determine the boot mode configuration of the device.
I
N1
4.3.21.2 Power, Reset and Clock Management (PRCM)
NOTE
For more information, see the Power, Reset, and Clock Management section of the device
TRM.
Table 4-23. PRCM Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
clkout0
Device Clock output 1. Can be used as a system clock for other devices.
O
C5, E15, R2, T13
clkout1
Device Clock output 2. Can be used as a system clock for other devices.
O
F14, T14
clkout2
Device Clock output 3. Can be used as a system clock for other devices.
O
G14, U13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com