Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2196 Datasheet(PDF) 70 Page - Dallas Semiconductor

Part # DS2196
Description  T1 Dual Framer LIU
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2196 Datasheet(HTML) 70 Page - Dallas Semiconductor

Back Button DS2196 Datasheet HTML 66Page - Dallas Semiconductor DS2196 Datasheet HTML 67Page - Dallas Semiconductor DS2196 Datasheet HTML 68Page - Dallas Semiconductor DS2196 Datasheet HTML 69Page - Dallas Semiconductor DS2196 Datasheet HTML 70Page - Dallas Semiconductor DS2196 Datasheet HTML 71Page - Dallas Semiconductor DS2196 Datasheet HTML 72Page - Dallas Semiconductor DS2196 Datasheet HTML 73Page - Dallas Semiconductor DS2196 Datasheet HTML 74Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 157 page
background image
DS2196
70 of 157
10.
DS0 MONITORING FUNCTION
Each framer in the DS2196 has the ability to monitor one DS0 64 kbps channel in the transmit direction
and one DS0 channel in the receive direction at the same time. In the transmit direction the user will
determine which channel is to be monitored by properly setting the TCM0 to TCM4 bits in the CCR5A &
CCR5B registers. In the receive direction, the RCM0 to RCM4 bits in the CCR6A & CCR6B registers
need to be properly set. The DS0 channel pointed to by the TCM0 to TCM4 bits will appear in the
Transmit DS0 Monitor (TDS0M) register and the DS0 channel pointed to by the RCM0 to RCM4 bits
will appear in the Receive DS0 (RDS0M) register. The TCM4 to TCM0 and RCM4 to RCM0 bits should
be programmed with the decimal decode of the appropriate T1 channel. Channels 1 through 24 map to
register values 0 through 23. For example, if DS0 channel 6 in the transmit direction and DS0 channel 15
in the receive direction needed to be monitored, then the following values would be programmed into
CCR5 and CCR6:
TCM4 = 0
RCM4 = 0
TCM3 = 0
RCM3 = 1
TCM2 = 1
RCM2 = 1
TCM1 = 0
RCM1 = 1
TCM0 = 1
RCM0 = 0
CCR5A: COMMON CONTROL REGISTER 5 FRAMER A (Address = 19 Hex)
CCR5B: COMMON CONTROL REGISTER 5 FRAMER B (Address = B9 Hex)
[Repeated here from section 6 for convenience with only the TX monitor function present]
(MSB)
(LSB)
TCM4
TCM3
TCM2
TCM1
TCM0
SYMBOL
POSITION
NAME AND DESCRIPTION
TCM4
CCR5.4
Transmit Channel Monitor Bit 4. MSB of a channel decode
that determines which transmit channel data will appear in the
TDS0M register.
TCM3
CCR5.3
Transmit Channel Monitor Bit 3.
TCM2
CCR5.2
Transmit Channel Monitor Bit 2.
TCM1
CCR5.1
Transmit Channel Monitor Bit 1.
TCM0
CCR5.0
Transmit Channel Monitor Bit 0. LSB of the channel
decode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com