Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2196 Datasheet(PDF) 22 Page - Dallas Semiconductor

Part # DS2196
Description  T1 Dual Framer LIU
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2196 Datasheet(HTML) 22 Page - Dallas Semiconductor

Back Button DS2196 Datasheet HTML 18Page - Dallas Semiconductor DS2196 Datasheet HTML 19Page - Dallas Semiconductor DS2196 Datasheet HTML 20Page - Dallas Semiconductor DS2196 Datasheet HTML 21Page - Dallas Semiconductor DS2196 Datasheet HTML 22Page - Dallas Semiconductor DS2196 Datasheet HTML 23Page - Dallas Semiconductor DS2196 Datasheet HTML 24Page - Dallas Semiconductor DS2196 Datasheet HTML 25Page - Dallas Semiconductor DS2196 Datasheet HTML 26Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 157 page
background image
DS2196
22 of 157
ADDRESS
R/W
REGISTER NAME
REGISTER
ABBREVIATION
2C
R/W
Receive Control 2 for Framer A
RCR2A
2D
R/W
Receive Mark 1 for Framer A
RMR1A
2E
R/W
Receive Mark 2 for Framer A
RMR2A
2F
R/W
Receive Mark 3 for Framer A
RMR3A
30
R/W
Common Control 3 for Framer A
CCR3A
31
R/W
Receive Information 2 for Framer A
RIR2A
32
R/W
Transmit Channel Blocking 1 for Formatter A
TCBR1A
33
R/W
Transmit Channel blocking 2 for Formatter A
TCBR2A
34
R/W
Transmit Channel Blocking 3 for Formatter A
TCBR3A
35
R/W
Transmit Control 1 for Formatter A
TCR1A
36
R/W
Transmit Control 2 for Formatter A
TCR2A
37
R/W
Common Control 1 for Framer A
CCR1A
38
R/W
Common Control 2 for Framer A
CCR2A
39
R/W
Transmit Transparency 1 for Formatter A
TTR1A
3A
R/W
Transmit Transparency 2 for Formatter A
TTR2A
3B
R/W
Transmit Transparency 3 for Formatter A
TTR3A
3C
R/W
Transmit Idle 1 for Formatter A
TIR1A
3D
R/W
Transmit Idle 2 for Formatter A
TIR2A
3E
R/W
Transmit Idle 3 for Formatter A
TIR3A
3F
R/W
Transmit Idle Definition for Formatter A
TIDRA
40
R/W
BERT Control Register 0
BC0
41
R/W
BERT Control Register 1
BC1
42
R/W
BERT Control Register 2
BC2
43
R
BERT Information Register
BIR
44
R/W
BERT Alternating Word Count
BAWC
45
R/W
BERT Repetitive Pattern Set Register 0
BRP0
46
R/W
BERT Repetitive Pattern Set Register 1
BRP1
47
R/W
BERT Repetitive Pattern Set Register 2
BRP2
48
R/W
BERT Repetitive Pattern Set Register 3
BRP3
49
R
BERT Bit Count Register 0
BBC0
4A
R
BERT Bit Count Register 1
BBC1
4B
R
BERT Bit Count Register 2
BBC2
4C
R
BERT Bit Count Register 3
BBC3
4D
R
BERT Bit Error Count Register 0
BEC0
4E
R
BERT Bit Error Count Register 1
BEC1
4F
R
BERT Bit Error Count Register 2
BEC2
50
R/W
BERT Interface Control
BIC
51
—
Reserved (Set to 00h on power-up)
—
52
—
Reserved (Set to 00h on power-up)
—
53
—
Reserved (Set to 00h on power-up)
—
54
—
Reserved (Set to 00h on power-up)
—
55
—
Reserved (Set to 00h on power-up)
—
56
—
Reserved (Set to 00h on power-up)
—
57
—
Reserved (Set to 00h on power-up)
—
58
—
Reserved (Set to 00h on power-up)
—
59
—
Reserved (Set to 00h on power-up)
—
5A
—
Reserved (Set to 00h on power-up)
—
5B
—
Reserved (Set to 00h on power-up)
—
5C
—
Reserved (Set to 00h on power-up)
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com