Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2196 Datasheet(PDF) 32 Page - Dallas Semiconductor

Part # DS2196
Description  T1 Dual Framer LIU
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2196 Datasheet(HTML) 32 Page - Dallas Semiconductor

Back Button DS2196 Datasheet HTML 28Page - Dallas Semiconductor DS2196 Datasheet HTML 29Page - Dallas Semiconductor DS2196 Datasheet HTML 30Page - Dallas Semiconductor DS2196 Datasheet HTML 31Page - Dallas Semiconductor DS2196 Datasheet HTML 32Page - Dallas Semiconductor DS2196 Datasheet HTML 33Page - Dallas Semiconductor DS2196 Datasheet HTML 34Page - Dallas Semiconductor DS2196 Datasheet HTML 35Page - Dallas Semiconductor DS2196 Datasheet HTML 36Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 157 page
background image
DS2196
32 of 157
TCR1A: TRANSMIT CONTROL REGISTER 1 FRAMER A (Address = 35 Hex)
(MSB)
(LSB)
LOTCMC
TFPT
TCPT
RBSE
GB7S
TFDLS
TBL
TYEL
SYMBOL
POSITION
NAME AND DESCRIPTION
LOTCMC
TCR1A.7
Loss Of Transmit Clock Mux Control. Determines whether
the transmit side of Formatter A should switch to MCLK if the
TCLK input should fail to transition (see Figure 1.1 for details).
0 = do not switch to MCLK if TCLKA stops
1 = switch to MCLK if TCLKA stops
TFPT
TCR1A.6
Transmit F–Bit Pass Through. (see note below)
0 = F bits sourced internally
1 = F bits sampled at TSERA
TCPT
TCR1A.5
Transmit CRC Pass Through. (see note below)
0 = source CRC6 bits internally
1 = CRC6 bits sampled at TSERA during F–bit time
RBSE
TCR1A.4
Robbed Bit Signaling Enable. (see note below)
0 = no signaling is inserted in any channel
1 = signaling is inserted in all channels (the TTR registers can
be used to block insertion on a channel by channel basis)
GB7S
TCR1A.3
Global Bit 7 Stuffing. (see note below)
0 = allow the TTR registers to determine which channels
containing all 0’s are to be Bit 7 stuffed
1 = force Bit 7 stuffing in all zero byte channels regardless of
how the TTR registers are programmed
TFDLS
TCR1A.2
TFDL Register Select. (see note below)
0 = source FDL or Fs bits from the internal TFDL register
(legacy FDL support mode)
1 = source FDL or Fs bits from the internal HDLC/BOC
controller or the TLINKA pin
TBL
TCR1A.1
Transmit Blue Alarm. (see note below)
0 = transmit data normally
1 = transmit an unframed all 1’s code at TPOSOA and
TNEGOA
TYEL
TCR1A.0
Transmit Yellow Alarm. (see note below)
0 = do not transmit yellow alarm
1 = transmit yellow alarm
NOTE:
For a description of how the bits in TCR1A affect the transmit side formatter, see Figure 21-7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com