Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2196 Datasheet(PDF) 74 Page - Dallas Semiconductor

Part # DS2196
Description  T1 Dual Framer LIU
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2196 Datasheet(HTML) 74 Page - Dallas Semiconductor

Back Button DS2196 Datasheet HTML 70Page - Dallas Semiconductor DS2196 Datasheet HTML 71Page - Dallas Semiconductor DS2196 Datasheet HTML 72Page - Dallas Semiconductor DS2196 Datasheet HTML 73Page - Dallas Semiconductor DS2196 Datasheet HTML 74Page - Dallas Semiconductor DS2196 Datasheet HTML 75Page - Dallas Semiconductor DS2196 Datasheet HTML 76Page - Dallas Semiconductor DS2196 Datasheet HTML 77Page - Dallas Semiconductor DS2196 Datasheet HTML 78Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 157 page
background image
DS2196
74 of 157
RMR1A/RMR2A/RMR3A: RECEIVE MARK REGISTERS FRAMER A
(Address = 2D to 2F Hex)
RMR1B/RMR2B/RMR3B: RECEIVE MARK REGISTERS FRAMER B
(Address = CD to CF Hex)
(MSB)
(LSB)
CH8
CH7
CH6
CH5
CH4
CH3
CH2
CH1
RMR1
CH16
CH15
CH14
CH13
CH12
CH11
CH10
CH9
RMR2
CH24
CH23
CH22
CH21
CH20
CH19
CH18
CH17
RMR3
SYMBOLS
POSITIONS
NAME AND DESCRIPTION
CH1-24
RMR1.0-3.7
Receive Channel Mark Control Bits
0 =do not affect the receive data associated with this channel
1 = replace the receive data associated with this channel with
either the idle code or the digital milliwatt code (depends on the
RCR2.7 bit)
12.
PROGRAMMABLE IN–BAND CODE GENERATION AND DETECTION
Each framer in the DS2196 has the ability to generate and detect a repeating bit pattern that is from one to
8 bits and 16 bits in length. To transmit a pattern, the user will load the pattern to be sent into the
Transmit Code Definition (TCD1&TCD2) registers and select the proper length of the pattern by setting
the TC0 and TC1 bits in the In–Band Code Control (IBCC) register. When generating a 1, 2, 4, 8 or
16 bit pattern both transmit code definition registers (TCD1&TCD2) must be filled with the proper code.
Generation of a 3, 5, 6 and 7 bit pattern only requires TCD1 to be filled. Once this is accomplished, the
pattern will be transmitted as long as the TLOOP control bit (CCR3.1) is enabled. Normally (unless the
transmit formatter is programmed to not insert the F–bit position) the framer will overwrite the repeating
pattern once every 193 bits to allow the F–bit position to be sent. See Figure 21-7 for more details. As
an example, if the user wished to transmit the standard “loop up” code for Channel Service Units which is
a repeating pattern of ...10000100001... then 80h would be loaded into TCD1 and the length would set to
5 bits.
Each framer can detect three separate repeating patterns. Typically, two of the detectors are used for
“loop up” and “loop down” code detection. The user will program the codes to be detected in the
Receive Up Code Definition (RUPCD1 & RUPCD2) registers and the Receive Down Code Definition
(RDNCD1 & RDNCD2) registers and the length of each pattern will be selected via the IBCC register.
There is a third detector (Spare) and it is defined and controlled via the RSCD1/RSCD2 and RSCC
registers. When detecting an 8 or 16 bit pattern both receive code definition registers must be filled with
the proper code. For 8 bit patterns both receive code definition registers will be filled with the same
value. Detection of a 1, 2, 3, 4, 5, 6 and 7 bit pattern only requires the first receive code definition
register to be filled. A third or spare detector is available for user definition. The framer will detect
repeating pattern codes in both framed and unframed circumstances with bit error rates as high as 10E–2.
The detectors are capable of handling both F-bit inserted and F-bit overwrite patterns. Writing the least
significant byte of receive code definition register resets the integration period for that detector. The code
detector has a nominal integration period of 30 ms. Hence, after about 30 ms of receiving a valid code,
the proper status bit (LUP at SR1A/B.7 , LDN at SR1A/B.6 and LSPARE at SR1A/B.4 ) will be set to a
1. Normally codes are sent for a period of 5 seconds. It is recommend that the software poll the framer
every 50 ms to 1000 ms until 5 seconds has elapsed to insure that the code is continuously present.
IBCCA: IN–BAND CODE CONTROL REGISTER FRAMER A
(Address = 12 Hex)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com