Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2196 Datasheet(PDF) 17 Page - Dallas Semiconductor

Part # DS2196
Description  T1 Dual Framer LIU
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2196 Datasheet(HTML) 17 Page - Dallas Semiconductor

Back Button DS2196 Datasheet HTML 13Page - Dallas Semiconductor DS2196 Datasheet HTML 14Page - Dallas Semiconductor DS2196 Datasheet HTML 15Page - Dallas Semiconductor DS2196 Datasheet HTML 16Page - Dallas Semiconductor DS2196 Datasheet HTML 17Page - Dallas Semiconductor DS2196 Datasheet HTML 18Page - Dallas Semiconductor DS2196 Datasheet HTML 19Page - Dallas Semiconductor DS2196 Datasheet HTML 20Page - Dallas Semiconductor DS2196 Datasheet HTML 21Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 157 page
background image
DS2196
17 of 157
Signal Name:
JTCLK
Signal Description:
JTAG IEEE 1149.1 Test Serial Clock
Signal Type:
Input
This signal is used to shift data into JTDI on the rising edge and out of JTDO on the falling edge. If not used, this
pin should be pulled high.
Signal Name:
JTDI
Signal Description:
JTAG IEEE 1149.1 Test Serial Data Input
Signal Type:
Input
Test instructions and data are clocked into this signal on the rising edge of JTCLK. If not used, this pin should be
pulled high. This pin has an internal pull-up.
Signal Name:
JTDO
Signal Description:
JTAG IEEE 1149.1 Test Serial Data Output
Signal Type:
Output
Test instructions are clocked out of this signal on the falling edge of JTCLK. If not used, this pin should be left
open circuited.
Signal Name:
JTRST*
Signal Description:
JTAG IEEE 1149.1 Test Reset
Signal Type:
Input
This signal is used to synchronously reset the test access port controller. At power up, JTRST must be set low and
then high. This action will set the device into the boundary scan bypass mode allowing normal device operation.
If boundary scan is not used, this pin should be held low. This pin has an internal pull-up.
Signal Name:
JTMS
Signal Description:
JTAG IEEE 1149.1 Test Mode Select
Signal Type:
Input
This signal is sampled on the rising edge of JTCLK and is used to place the test port into the various defined IEEE
1149.1 states. If not used, this pin should be pulled high. This signal has an internal pull-up.
Line Interface Pins
Signal Name:
MCLK
Signal Description:
Master Clock Input
Signal Type:
Input
A 1.544 MHz (±50 ppm) clock source with TTL levels is applied at this pin. This clock is used internally for both
clock/data recovery and for jitter attenuation. This clock is also used to source AIS within the LIU.
Signal Name:
RTIP & RRING
Signal Description:
Receive Tip and Ring
Signal Type:
Input
Analog inputs for clock recovery circuitry. These pins connect via a 1:1 transformer to the T1 line. See Section 19
for details.
Signal Name:
TTIP & TRING
Signal Description:
Transmit Tip and Ring
Signal Type:
Output
Analog line driver outputs. These pins connect via a 1:2 step–up transformer to the T1 line. See Section 19 for
details.
Signal Name:
LFSYNC
Signal Description:
LIU Frame Sync



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com