Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2196 Datasheet(PDF) 19 Page - Dallas Semiconductor

Part # DS2196
Description  T1 Dual Framer LIU
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2196 Datasheet(HTML) 19 Page - Dallas Semiconductor

Back Button DS2196 Datasheet HTML 15Page - Dallas Semiconductor DS2196 Datasheet HTML 16Page - Dallas Semiconductor DS2196 Datasheet HTML 17Page - Dallas Semiconductor DS2196 Datasheet HTML 18Page - Dallas Semiconductor DS2196 Datasheet HTML 19Page - Dallas Semiconductor DS2196 Datasheet HTML 20Page - Dallas Semiconductor DS2196 Datasheet HTML 21Page - Dallas Semiconductor DS2196 Datasheet HTML 22Page - Dallas Semiconductor DS2196 Datasheet HTML 23Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 157 page
background image
DS2196
19 of 157
Signal Name:
PNRZ
Signal Description:
Protect NRZ Data
Signal Type:
Input
This digital input is used to pass a NRZ data stream via the Data Source Selection MUX and the jitter attenuator
block to the RPOSLO and RNEGLO output pins. Data input to this pin is sampled on the falling or rising edge of
PCLK.
Signal Name:
PCLK
Signal Description:
Protect Clock
Signal Type:
Input
This digital input is used to pass a 1.544 MHz clock via the Data Source Selection MUX and the jitter attenuator
block to the RCLKLO output pin.
Signal Name:
RCL
Signal Description:
Receive Carrier Loss
Signal Type:
Output
Set high when the line interface (LIU) detects a carrier loss.
Signal Name:
RPOSLO
Signal Description:
Receive Positive Data Output from the LIU
Signal Type:
Output
Updated on the rising edge of RCLKLO with either bipolar data out of the LIU or NRZ data from the WNRZ or
PNRZ inputs.
Signal Name:
RNEGLO
Signal Description:
Receive Negative Data Output from the LIU
Signal Type:
Output
Updated on the rising edge of RCLKLO with either bipolar data out of the LIU or NRZ data from the WNRZ or
PNRZ inputs.
Signal Name:
RCLKO
Signal Description:
Receive Clock Output
Signal Type:
Output
Either a buffered recovered clock from the T1 line or the clock provided at the WCLK or PCLK inputs.
Signal Name:
WPS
Signal Description:
Working or Protect Select
Signal Type:
Input
This digital input can be used to select between the WNRZ/WCLK (working) or PNRZ/PCLK (protect) data
inputs. For this pin to be active the Data Source MUX must be properly configured via the CCR1A.2, CCR1A.3,
and CCR1A.4 control bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com