Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2196 Datasheet(PDF) 20 Page - Dallas Semiconductor

Part # DS2196
Description  T1 Dual Framer LIU
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2196 Datasheet(HTML) 20 Page - Dallas Semiconductor

Back Button DS2196 Datasheet HTML 16Page - Dallas Semiconductor DS2196 Datasheet HTML 17Page - Dallas Semiconductor DS2196 Datasheet HTML 18Page - Dallas Semiconductor DS2196 Datasheet HTML 19Page - Dallas Semiconductor DS2196 Datasheet HTML 20Page - Dallas Semiconductor DS2196 Datasheet HTML 21Page - Dallas Semiconductor DS2196 Datasheet HTML 22Page - Dallas Semiconductor DS2196 Datasheet HTML 23Page - Dallas Semiconductor DS2196 Datasheet HTML 24Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 157 page
background image
DS2196
20 of 157
Supply Pins
Signal Name:
DVDD
Signal Description:
Digital Positive Supply
Signal Type:
Supply
3.3 volts ±5%. Should be tied to the RVDD and TVDD pins.
Signal Name:
RVDD
Signal Description:
Receive Analog Positive Supply
Signal Type:
Supply
3.3 volts ±5%. Should be tied to the DVDD and TVDD pins.
Signal Name:
TVDD
Signal Description:
Transmit Analog Positive Supply
Signal Type:
Supply
3.3 volts ±5%. Should be tied to the RVDD and DVDD pins.
Signal Name:
DVSS
Signal Description:
Digital Signal Ground
Signal Type:
Supply
Should be tied to the RVSS and TVSS pins.
Signal Name:
RVSS
Signal Description:
Receive Analog Signal Ground
Signal Type:
Supply
0.0 volts. Should be tied to the DVSS and TVSS pins.
Signal Name:
TVSS
Signal Description:
Transmit Analog Ground
Signal Type:
Supply
0.0 volts. Should be tied to the DVSS and TVSS pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com