Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1124 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # AS1124
Description  24W Powered Device with Integrated DC-DC Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AS1124 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button AS1124 Datasheet HTML 6Page - List of Unclassifed Manufacturers AS1124 Datasheet HTML 7Page - List of Unclassifed Manufacturers AS1124 Datasheet HTML 8Page - List of Unclassifed Manufacturers AS1124 Datasheet HTML 9Page - List of Unclassifed Manufacturers AS1124 Datasheet HTML 10Page - List of Unclassifed Manufacturers AS1124 Datasheet HTML 11Page - List of Unclassifed Manufacturers AS1124 Datasheet HTML 12Page - List of Unclassifed Manufacturers AS1124 Datasheet HTML 13Page - List of Unclassifed Manufacturers AS1124 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
AS1124
Akros Silicon, inc.
6399 San Ignacio Avenue, Suite 250, San Jose, CA 95119 USA
408.746.9000
www.AkrosSilicon.com
10
 
FUNCTIONAL DESCRIPTION
Overview of PoE
Power over Ethernet (PoE) offers an economical
alternative for powering end network appliances such as
IP telephones, wireless access points, security and web
cameras, and other powered devices (PDs). The PoE
standard IEEE® Std. 802.3af-2003 is intended to
standardize the delivery of power over the Ethernet cables
in order to accommodate remotely powered client devices.
IEEE®
Std.
802.3af-2003
defines
a
method
for
recognizing PDs on the network and supplying different
power levels according to power level classes with which
each PD is identified. By employing this method, designers
can create systems that minimize power usage, allowing
more devices to be supported on an Ethernet network.
The end of the link that provides power through the Ethernet
cables is referred to as the power sourcing equipment
(PSE). The powered device (PD) is the end of the link that
receives the power. The PoE method for recognizing a PD
and determining the correct power level to allocate uses
the following sequence:
Reset
, wherein power is withdrawn from the PD if the
applied voltage falls below a specified level.
Signature Detection
, during which the PD is recognized
by the PSE.
Classification
, during which the PSE reads the power
requirement of the PD. The Classification level of a PD
identifies how much power the PD requires from the
Ethernet line. This permits optimum use of the total
power available from the PSE. (Classification is
considered optional by IEEE® standard 802.3af-2003.)
ON
operation, during which the allocated level of power
is provided to the PD.
This sequence occurs as progressively rising voltage
levels from the PSE are detected
.
To design PoE systems according to the PoE standard,
designers have the following constraints:
AS1124 POE Design
To help designers meet these requirements, the AS1124
is a fully integrated PoE PD controller. The AS1124 meets
all system requirements for the IEEE® 802.3 standard for
Ethernet and all power management requirements for
IEEE®
standard 802.3af-2003. The device has been
designed
to
also
address
pre-standard
802.3at
applications. EMI compliance has been verified for CISPR
22, FCC, class B radiated emissions and EN55022
conducted emissions.
The AS1124 acts as an interface to the PSE, performing
all detection, classification, and inrush current limiting
control necessary for compliance with the PoE standards.
An internal MOSFET and control circuit limits the inrush
and steady-state current drawn from the Ethernet line. An
integrated diode bridge is implemented to protect against
polarity reversal, to provide alternative A and B detection
and to provide improved high voltage protection. The
AS1124 passes 2kV ESD tests, as well as 8kv Contact
Discharge and 16.5 kV air Discharge tested per IEC
61000-4.2, 4.4, and 4.5.
Table 6– PoE Requirements
Requirement
Value
Maximum power to the PD interface
24 W
Voltage from Type 1 PSE
44-57 V
Voltage from Type 2 PSE
50-57 V
Maximum operating current
720 mA
Line resistance
10 Ω
Voltage drop due to series line resistance
8.8V
Min voltage at PD interface
36V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com