Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1124 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AS1124
Description  24W Powered Device with Integrated DC-DC Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AS1124 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AS1124 Datasheet HTML 1Page - List of Unclassifed Manufacturers AS1124 Datasheet HTML 2Page - List of Unclassifed Manufacturers AS1124 Datasheet HTML 3Page - List of Unclassifed Manufacturers AS1124 Datasheet HTML 4Page - List of Unclassifed Manufacturers AS1124 Datasheet HTML 5Page - List of Unclassifed Manufacturers AS1124 Datasheet HTML 6Page - List of Unclassifed Manufacturers AS1124 Datasheet HTML 7Page - List of Unclassifed Manufacturers AS1124 Datasheet HTML 8Page - List of Unclassifed Manufacturers AS1124 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Akros Silicon, Inc.
6399 San Ignacio Avenue, Suite 250, San Jose, CA 95119 USA
408.746.9000
www.AkrosSilicon.com
GENERAL DESCRIPTION
The AS1124 is a single-chip, highly integrated CMOS solution for
Power over Ethernet (PoE). Applications include Voice over IP
(VoIP) Phones, Wireless LAN Access Point, Security and Web
Cameras, Analog Telephone Adapters (ATA) and Point of Sales
Terminals.
The AS1124 provides the functions required for power over
Ethernet Powered Device (PD) applications.
The AS1124 integrates rectification and protection circuitry, a PD
controller, and a DC-DC converter. This high level of integration
provides faster ressponse to surge events and limits stray surge
current from passing through sensitive circuits, such as the
Ethernet PHY device. The device is designed to provide a safe
low impedance discharge paths directly back to the earth ground,
resulting in superior reliability and circuit protection.
AS1124 has been architected and designed to address both EMI
emission concerns and surge/over-voltage protection in POE
applications.
AS1124 implements many design features that
minimizes transmission of system common-mode noise on to the
UTP while providing high immunity to over-voltage and surge
events.
By using high-volume standard CMOS technology, Akros enables
its customers to implement higher performance PoE devices with
low cost and a small footprint.
TYPICAL APPLICATIONS
Pan, Tilt and Zoom (PTZ), security and Web Cameras
Analog Telephone Adapters (ATA)
Point of Sale (PoS)Terminals
Wireless LAN Access Points
Voice over IP (VoIP) phones
FEATURES
The AS1124 is fully integrated and architected at a system level to
provide the following features:
Fully supports IEEE® Std. 802.3af-2003 and supports draft IEEE®
Std. 802.3at r0.9 power requirements
Meets IEC 61000-4-2/3/4/5/6 requirements
Meets IEC 60950 over-voltage protection requirements
Integrated rectification for superior high voltage protection
Integrated DC-DC converter, provides exceptional EMI
performance
Programmable DC current limit up to 800 mA
Supports “two finger” classification for draft IEEE® Std. 802.3at
r0.9 higher power PD applications
Provides seamless support for local power
Over temperature protection
Industrial temperature range, -40ºC to +85ºC
5x5 mm, 20 lead QFN Package, RoHS compliant
SIMPLIFIED APPLICATION DIAGRAM
Application Diagram for a PoE PD (Flyback Converter)
AS1124 — 24W Powered Device with Integrated DC-DC Controller


Similar Part No. - AS1124

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1120 AMSCO-AS1120 Datasheet
473Kb / 12P
46-Segment LCD Driver
AS1120 AMSCO-AS1120 Datasheet
357Kb / 13P
46-Segment LCD Driver
AS1120 AMSCO-AS1120_1 Datasheet
357Kb / 13P
46-Segment LCD Driver
AS1121 AMSCO-AS1121 Datasheet
976Kb / 22P
16-Channel LED Driver with Dot Correction and Greyscale PWM
AS1121-BQFT AMSCO-AS1121-BQFT Datasheet
976Kb / 22P
16-Channel LED Driver with Dot Correction and Greyscale PWM
More results

Similar Description - AS1124

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC461 SEMTECH-SC461 Datasheet
878Kb / 31P
EcoSpeed짰 DC-DC Buck Controller with Integrated LDO
SC508 SEMTECH-SC508 Datasheet
847Kb / 32P
EcoSpeed짰 DC-DC Buck Controller with Integrated LDO
logo
List of Unclassifed Man...
AS1135 ETC2-AS1135 Datasheet
128Kb / 2P
Powered Device with Integrated DC-DC Controller
logo
Monolithic Power System...
MP8004 MPS-MP8004 Datasheet
1Mb / 22P
13W 802.3af PoE Powered Device Interface with Flyback DC/DC Converter
logo
MORNSUN Science& Techno...
MY02405DA MORNSUN-MY02405DA Datasheet
320Kb / 4P
24W AC/DC Adapter
MG02405HA MORNSUN-MG02405HA Datasheet
436Kb / 4P
24W AC/DC Adapter
MI02405HA MORNSUN-MI02405HA Datasheet
432Kb / 4P
24W AC/DC Adapter
MA02405HA MORNSUN-MA02405HA Datasheet
420Kb / 4P
24W AC/DC Adapter
MC02405HA MORNSUN-MC02405HA Datasheet
432Kb / 4P
24W AC/DC Adapter
ME02405HA MORNSUN-ME02405HA Datasheet
431Kb / 4P
24W AC/DC Adapter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com