Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1124 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # AS1124
Description  24W Powered Device with Integrated DC-DC Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AS1124 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button AS1124 Datasheet HTML 2Page - List of Unclassifed Manufacturers AS1124 Datasheet HTML 3Page - List of Unclassifed Manufacturers AS1124 Datasheet HTML 4Page - List of Unclassifed Manufacturers AS1124 Datasheet HTML 5Page - List of Unclassifed Manufacturers AS1124 Datasheet HTML 6Page - List of Unclassifed Manufacturers AS1124 Datasheet HTML 7Page - List of Unclassifed Manufacturers AS1124 Datasheet HTML 8Page - List of Unclassifed Manufacturers AS1124 Datasheet HTML 9Page - List of Unclassifed Manufacturers AS1124 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
AS1124
Akros Silicon, inc.
6399 San Ignacio Avenue, Suite 250, San Jose, CA 95119 USA
408.746.9000
www.AkrosSilicon.com
6
 
Typical specifications are not 100% tested. Performance guaranteed by design and/or other correlation methods.
Gate Drive Dynamic Response
PDRV TR, TF
NDRV TR, TF
2.2
2
nS
nS
10% - 90% with CLoad = 1 nF
VPK, peak current sense
threshold voltage at CS
500
600
700
mV
Ipeak=Vpk/Rsense
Max. duty cycle
80
%
Internally limited
Min. duty cycle
6
%
Internally limited
VBN
4.7
V
Low side internal supply voltage; sets
VOH of NDRV.
VBP (relative to VDD48O)
-5
V
High side internal supply voltage; sets
VOL of PDRV.
Error amplifier reference
voltage
1.45
1.55
V
Compared to input of the FB pin
Soft start ramp time
2
ms
Conditions: CSS=100nF
COMP source current
30
µA
FB = 0V, COMP=0V
COMP sink current
30
µA
FB = 5V, COMP=5V
Open loop voltage gain
80
dB
Small signal unity gain
bandwidth
5
MHz
COMP connected to FB.
FB leakage (source or sink)
1
µA
0V>FB>4.5V
Local Power Mode
LVMODE Threshold
2.1
2.4
V
LVMODE Hysteresis
100
mV
LVMODE Operating Voltage
10
57
V
Thermal Protection
Thermal shutdown
temperature
165
°C
Above this Temp., the AS1124 is
disabled.
Max. on-die operating
temperature
140
°C
Current reduction temperature
threshold
145
°C
Temperature at which thermal current
reduction is applied
Thermal current reduction
50
%
Thermal current reduction
hysteresis
20
°C
Temperature change required to
restore full operation after thermal
current reduction
Thermal shutdown hysteresis
40
°C
Temperature change required to
restore full operation after thermal
shutdown
Table 5 – Package Thermal Characteristic
Description
Min
Typical
1
Max
Units
Comments
Thermal Resistance, Junction
to Ambient, θJA,
31
ºC/W
20 lead QFN package
Power dissipation, PDISS
2.4
W
20W Output, (12V output at 1.7A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com