Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1124 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # AS1124
Description  24W Powered Device with Integrated DC-DC Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AS1124 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button AS1124 Datasheet HTML 9Page - List of Unclassifed Manufacturers AS1124 Datasheet HTML 10Page - List of Unclassifed Manufacturers AS1124 Datasheet HTML 11Page - List of Unclassifed Manufacturers AS1124 Datasheet HTML 12Page - List of Unclassifed Manufacturers AS1124 Datasheet HTML 13Page - List of Unclassifed Manufacturers AS1124 Datasheet HTML 14Page - List of Unclassifed Manufacturers AS1124 Datasheet HTML 15Page - List of Unclassifed Manufacturers AS1124 Datasheet HTML 16Page - List of Unclassifed Manufacturers AS1124 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
AS1124
Akros Silicon, inc.
6399 San Ignacio Avenue, Suite 250, San Jose, CA 95119 USA
408.746.9000
www.AkrosSilicon.com
13
 
Use the following equation to determine typical
classification current:
5.
Tolerance = Maximum of ±1.8mA or ±9%
RCLASS > 63.4kΩ
Local Power Mode
The LV Mode Pin can be used in applications where the
PD appliance draws power from either the Ethernet cable
or a local external DC power source.
When pin11 is
pulled high (> 2.3V), it will open the internal FET switch
while the DC-DC converter remains operational. The local
power should be injected at the VDD48O node, through an
external Schottky diode. Refer to application circuits 8 & 9
for the connection details.
The maximum input voltage at the LVMODE pin should
not exceed 6V. A resistive divider network should be used
to divide down the LVMODE control voltage. Resistor
values will depend on the voltage of the local power
supply. The internal DC-DC converter will operate with
input voltages ranging from 10V to 57V.
The LVMODE pin should only be used when the PD is
configured for class 1-4. The LVMODE pin should not be
used in class 0 applications.
If the LVMODE pin is pulled low, the PD will operate in a
normal fashion, whereby the FET will open when the input
voltage at VDD48I drops below the full power deactivation
threshold.
Figure 15 – AS1124 LVMODE Connection
Idle Mode
In the Idle mode, between Classification and the ON state,
PD Current is limited to monitoring circuitry to detect the
on-state threshold.
ON State
In the ON state, the AS1124 is supplying power. At a
voltage at or above 42V, the PD turns on and full power is
available via the AS1124 DC-DC Controller.
PD CONTROL POWER AND THERMAL
PROTECTIONS
The AS1124 provides the following PD control power and
thermal protections:
1.
Under Voltage Lockout (UVLO)
2.
Current Limit with integrated current sense
3.
Thermal Limit/Protection
Under Voltage Lockout (UVLO)
The AS1124 contains a line Under-Voltage Lockout
(UVLO) circuit. The UVLO circuitry detects conditions
when the supply voltage is too low (less than 36V), and
disconnects the power to protect the PD Inrush Current
Operation.
Inrush limiting maintains the cable voltage above the turn-
off threshold as the input capacitor charges. Also, it helps
prevent the PSE from going into current limit mode.
Current Limit/Current Sense
The Current Limit/Current Sense circuitry minimizes on-
chip temperature peaks by limiting inrush current and
operating current. It monitors the current via an integrated
sense circuit and regulates the gate voltage on an
integrated low-leakage 80V power MOSFET. In addition,
the power MOSFET can be shut down by the PD
Controller subsection or the Thermal Limit Protection
subsection.
Thermal Limit Protection
The AS1124 provides thermal protection for itself by
monitoring die temperature and reducing maximum current
or disconnecting power as needed to prevent pre-set
thermal limits from being exceeded.
Two-stage thermal current limiting is implemented, which
reduces the operating current limit by 50% when the die
temperature reaches 145˚C, and disables the power
MOSFET switch above 165˚C. Normal current limits in
both cases are reapplied when the die temperature returns
to 125˚C.
Table 7 – PoE Requirements
Class
Power
(Watts)
Iclass
Rclass
0
0.44-12.95
0-4 mA
Pull-up, 1%
1
0.44-3.84
9-12 mA
280kΩ, 1%
2
3.84-6.49
17-20 mA
143kΩ, 1%
3
6.49-12.95
26-30 mA
90.9kΩ, 1%
4
12.95 – 24W
36-44 mA
63.4kΩ, 1%
]
[
2360
0
.
2
]
[
k
R
mA
I
CLASS
CLASS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com