Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1124 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # AS1124
Description  24W Powered Device with Integrated DC-DC Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AS1124 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button AS1124 Datasheet HTML 13Page - List of Unclassifed Manufacturers AS1124 Datasheet HTML 14Page - List of Unclassifed Manufacturers AS1124 Datasheet HTML 15Page - List of Unclassifed Manufacturers AS1124 Datasheet HTML 16Page - List of Unclassifed Manufacturers AS1124 Datasheet HTML 17Page - List of Unclassifed Manufacturers AS1124 Datasheet HTML 18Page - List of Unclassifed Manufacturers AS1124 Datasheet HTML 19Page - List of Unclassifed Manufacturers AS1124 Datasheet HTML 20Page - List of Unclassifed Manufacturers AS1124 Datasheet HTML 21Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
AS1124
Akros Silicon, inc.
6399 San Ignacio Avenue, Suite 250, San Jose, CA 95119 USA
408.746.9000
www.AkrosSilicon.com
20
 
Contact Information
Akros Silicon, Inc.
6399 San Ignacio Avenue, Suite 250
San Jose, CA 95119
USA
Tel: (408) 746 9000
Fax: (408) 746-9391
Email inquiries: marcom@akrossilicon.com
Website: http://www.akrossilicon.com
Important Notices
Legal notice
Copyright © 2014 Akros Silicon
TM. All rights reserved.
Other names, brands and trademarks are the property of others.
Akros Silicon
TM assumes no responsibility or liability for information contained in this document. Akros reserves
the right to make corrections, modifications, enhancements, improvements, and other changes to its products and
services at any time and to discontinue any product or services without notice. The information contained herein
is believed to be accurate and reliable at the time of printing.
Reference design policy
This document is provided as a design reference and Akros Silicon assumes no responsibility or liability for the
information contained in this document. Akros reserves the right to make corrections, modifications,
enhancements, improvements and other changes to this reference design documentation without notice.
Reference designs are created using Akros Silicon's published specifications as well as the published
specifications of other device manufacturers. This information may not be current at the time the reference design
is built. Akros Silicon and/or its licensors do not warrant the accuracy or completeness of the specifications or any
information contained therein.
Akros does not warrant that the designs are production worthy. Customer should completely validate and test the
design implementation to confirm the system functionality for the end use application.
Akros Silicon provides its customers with limited product warranties, according to the standard Akros Silicon
terms and conditions.
For the most current product information visit us at www.akrossilicon.com
Life support policy
LIFE SUPPORT: AKROS' PRODUCTS ARE NOT DESIGNED, INTENDED, OR AUTHORIZED FOR USE AS
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS. NO WARRANTY, EXPRESS OR IMPLIED, IS
MADE FOR THIS USE. AUTHORIZATION FOR SUCH USE SHALL NOT BE GIVEN BY AKROS, AND THE
PRODUCTS SHALL NOT BE USED IN SUCH DEVICES OR SYSTEMS, EXCEPT UPON THE WRITTEN
APPROVAL OF THE PRESIDENT OF AKROS FOLLOWING A DETERMINATION BY AKROS THAT SUCH USE
IS FEASIBLE. SUCH APPROVAL MAY BE WITHHELD FOR ANY OR NO REASON.
“Life support devices or systems” are devices or systems which (1) are intended for surgical implant into the
human body, (2) support or sustain human life, or (3) monitor critical bodily functions including, but not limited to,
cardiac, respirator, and neurological functions, and whose failure to perform can be reasonably expected to result
in a significant bodily injury to the user. A “critical component” is any component of a life support device or
system whose failure to perform can be reasonably expected to cause the failure of the life support device or
system, or to affect its safety or effectiveness.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com