Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1124 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # AS1124
Description  24W Powered Device with Integrated DC-DC Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AS1124 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  AS1124 Datasheet HTML 1Page - List of Unclassifed Manufacturers AS1124 Datasheet HTML 2Page - List of Unclassifed Manufacturers AS1124 Datasheet HTML 3Page - List of Unclassifed Manufacturers AS1124 Datasheet HTML 4Page - List of Unclassifed Manufacturers AS1124 Datasheet HTML 5Page - List of Unclassifed Manufacturers AS1124 Datasheet HTML 6Page - List of Unclassifed Manufacturers AS1124 Datasheet HTML 7Page - List of Unclassifed Manufacturers AS1124 Datasheet HTML 8Page - List of Unclassifed Manufacturers AS1124 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
AS1124
Akros Silicon, inc.
6399 San Ignacio Avenue, Suite 250, San Jose, CA 95119 USA
408.746.9000
www.AkrosSilicon.com
4
 
PIN ASSIGNMENTS AND DESCRIPTIONS
Figure 1 – Pin-out Diagram
Table 1 – Pin Assignments
Pin
I/O
Name
Description
1
P
VAUX
Auxiliary supply input
2
P
CT1
High voltage supply transformer center tap input. Polarity insensitive.
3
P
CT2
High voltage supply transformer center tap input. Polarity insensitive.
4
P
SP1
High voltage supply from spare pair. Polarity insensitive.
5
P
SP2
High voltage supply from spare pair. Polarity insensitive.
6
O
VDD48I
Internal 48V bus pin. This pin is the positive bus after the input diode bridge. The bus
is brought out to a pin for the connection of an external ESD capacitor (82nF) and
signature resistor (26.7k Ω).
7
I
GND
Must be connected to paddle ground (not connected internally to the paddle).
8
O
VDD5
Internal 5 volts decoupling point
9
A
RCURR
Current limit pin. Connection to the paddle ground sets the current limit to 400 mA.
Open circuit sets the current limit to 800 mA
10
A
RCLASS
Classification resistor connection
11
A
LVMODE
Low Voltage Mode. When pulled high, LVMODE opens the internal FET switch and
activates the DC-DC controller. Voltage threshold = 2.3 V
12
A
FB
DC-DC Controller feedback point
13
A
COMP
DC-DC Controller error amplifier compensation network connection
14
A
CSS
DC-DC Controller soft-start capacitor
15
A
CS
DC-DC Controller peak current sense input (low side)
16
O
NDRV
DC-DC Controller N-MOSFET gate drive
17
O
VBN
DC-DC Controller low side supply decoupling
18
O
VBP
DC-DC Controller high side supply decoupling
19
O
PDRV
DC-DC Controller P-MOSFET gate drive
20
P
VDD48O
Switched 48V supply output
Paddle
P
GND
Local ground. This is the negative output from the diode bridge, and is not isolated
from the line input
Key:
I = Input
O = Output
I/O = Bidirectional
PD = Internal pull-down
A = Analog signal
P = Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com