Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1124 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # AS1124
Description  24W Powered Device with Integrated DC-DC Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AS1124 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button AS1124 Datasheet HTML 8Page - List of Unclassifed Manufacturers AS1124 Datasheet HTML 9Page - List of Unclassifed Manufacturers AS1124 Datasheet HTML 10Page - List of Unclassifed Manufacturers AS1124 Datasheet HTML 11Page - List of Unclassifed Manufacturers AS1124 Datasheet HTML 12Page - List of Unclassifed Manufacturers AS1124 Datasheet HTML 13Page - List of Unclassifed Manufacturers AS1124 Datasheet HTML 14Page - List of Unclassifed Manufacturers AS1124 Datasheet HTML 15Page - List of Unclassifed Manufacturers AS1124 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
AS1124
Akros Silicon, inc.
6399 San Ignacio Avenue, Suite 250, San Jose, CA 95119 USA
408.746.9000
www.AkrosSilicon.com
12
 
AS1124 OVERVIEW
The AS1124 is a fully integrated PD that provides the
functions required for power over Ethernet (PoE)
applications. The optimized architecture of the AS1124
reduces external component cost in a small footprint while
delivering high performance.
Figure 15 - Top-Level Block Diagram of the AS1124
RECTIFICATION & PROTECTION
To protect against polarity reversal and provide automatic
polarity correction, the AS1124 includes an integrated
bridge for rectification, with over voltage and transient
protection, before passing to the switch and DC-DC
controller.
By Integrating the diodes and protection circuitry, Akros
has produced a solution that provides a much faster
response to surge events. The design limits stray surge
current from passing through sensitive circuits, such as
the Ethernet PHY device and enables a low impedance
safe discharge paths directly back to the earth ground.
The protection circuit itself is carefully designed to ensure
that during these surge events, where currents can
sometime be as high as 30A, voltages do not exceed
critical breakdown and spark gap limits so they
themselves are not destroyed by the event.
PD Controller
The AS1124 PD Control interface is designed to provide
full PD functionality for IEEE 802.3af compliant systems,
with programmable support for the standard PD control
functions.
The PD Control provides the following major functions:
1.
Provides a resistance for signature detection.
2.
Provides classification currents for power
classification.
3.
Provides PD full power.
4.
Manages power and thermal protection
overrides, including UVLO (under voltage
lockout).
Modes of Operation
The AS1124 has five operating modes:
1.
Reset
—the classification state machine is reset,
and all blocks are disabled.
2.
Signature
Detection
—The
PD
signature
resistance is applied across the input.
3.
Classification
—PD indicates power requirements
to the PSE.
4.
Idle
—This state is entered after classification, and
remains here until full-power input voltage is
applied.
5.
ON
—The PD is enabled, and supplies power to the
DC-DC controller and the local application circuitry.
As the supply voltage from the PSE increases from 0V,
the AS1124 transitions through the modes of operation in
this
sequence:
If no PSE is present, line voltage will be zero, which will
hold the AS1124 in the reset state, and the AS1124 does
not affect the Ethernet link function.
Reset                                                                  
When the voltage supplied to the AS1124 drops below the
signature voltage range (i.e. <2.7V), the chip will enter the
reset state. In the reset state, the AS1124 consumes very
little power.
Signature Detection Mode
During signature detection, the PSE applies a voltage to
the AS1124 PD to read its power signature. The reading of
the signature determines whether or not a PD is present
and, if so, allows the PSE to determine the power class the
PD belongs to.
To detect a PD, the PSE applies two voltages in the
signature voltage range, and extracts a signature
resistance value from the I-V slope. Valid resistance (I-V
slope) values are between 23.75kΩ and 26.25kΩ. For the
AS1124, signature resistance is generated by an external
resistor between VDD48I and GND. Typically this is a
26.7kΩ, 1% resistor.
Classification Mode                                           
Each class represents a power allocation level for a PD, so
that PSE can manage power between multiple PDs. IEEE®
Std. 802.3af-2003 defines classes of power levels for PDs as
shown in Error! Reference source not found. The AS1124
supports “two stage” classification for draft IEEE®
Std.
802.3at r0.9, as shown in Figure 5.
To classify the PD, the PSE presents a voltage between
14.5V and 20.5V to the PD and determines its class by
measuring the load current the PD sinks. The AS1124
allows the user to program the classification current via an
external resistor in the RCLASS pin.
Current, power
levels and programming resistor values for each class are
shown in Table 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com