Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1124 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # AS1124
Description  24W Powered Device with Integrated DC-DC Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AS1124 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  AS1124 Datasheet HTML 1Page - List of Unclassifed Manufacturers AS1124 Datasheet HTML 2Page - List of Unclassifed Manufacturers AS1124 Datasheet HTML 3Page - List of Unclassifed Manufacturers AS1124 Datasheet HTML 4Page - List of Unclassifed Manufacturers AS1124 Datasheet HTML 5Page - List of Unclassifed Manufacturers AS1124 Datasheet HTML 6Page - List of Unclassifed Manufacturers AS1124 Datasheet HTML 7Page - List of Unclassifed Manufacturers AS1124 Datasheet HTML 8Page - List of Unclassifed Manufacturers AS1124 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
AS1124
Akros Silicon, inc.
6399 San Ignacio Avenue, Suite 250, San Jose, CA 95119 USA
408.746.9000
www.AkrosSilicon.com
5
 
1 Absolute maximum rating is limits beyond which damage to the device may occur.
2 The human body model is as described in JESD22-A114.
1 Typical specification; not 100% tested. Performance guaranteed by design and/or other correlation methods.
Table 4– Electrical Characteristics
Description
Min
Typical
Max
Units
Comments
PD Section
Inrush Current Limit
200
mA
Current limit
800
mA
Max. operating current
625
mA
Switch On Resistance, RDS-ON
1.25
1.50
Ω
Diode bridge Vf forward
voltage
900
mV
Single diode drop. Total bridge
voltage drop includes 2 diodes.
Reset voltage level
0
2.7
V
Min Signature voltage
2.7
V
Max Signature voltage
10.1
14.5
V
Min Classification voltage
14.5
V
In classification, the AS1124 sinks
current as defined in table 5
Max Classification voltage
20.5
V
Full power activation threshold
42
V
Full power de-activation
threshold
30
36
V
Auxiliary power input voltage
range
42
57
V
Auxiliary power applied between
VAUX and GND. Applying power at
both auxiliary and line inputs is not
recommended. If both sources are
present, the larger voltage will be
used.
DC-DC Controller Section
FOSC (SMPS) switching
frequency
325
350
375
kHz
Controller operating frequency
FOSC Temperature Coefficient
0.12
%/C
PDRV ROUT
1.5
4.5
Ω
High side output drive resistance
NDRV ROUT
1.2
3
Ω
Low side output drive resistance
PDRV and NDRV Gate Drive
VOH - VOL
4.5
6
V
Table 2– Absolute Maximum Ratings
Description
Max Value
Units
High voltage pins (1—VAUX; 2 & 3—CT1 and 2; 4 & 5—SP1 and 2; 6—VDD48I; 18—
VBP; 19—PDRV; 20—VDD48O)
60
Volts
Low voltage pins ( 8—VDD5; 9-RCURR; 10—RCLASS; 12—FB; 13—COMP; 14—CSS;
15—CS; 16—NDRV; 17—VBN, 11-LVMODE)
6
Volts
ESD Rating:
Human body model
2
2
kV
ESD charged device model
500
V
System level (contact/air) at RJ-45
8/15
kV
Temperature
Storage Temperature
165
°C
Junction Temperature
150
°C
Table 3– Normal Operating Conditions
Description
Min
Typical
1
Max
Vin
36V
48V
57V
Operating temperature
range,
-40ºC
+85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com