Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS2993 Datasheet(PDF) 4 Page - Semtech Corporation

Part # GS2993
Description  Dual Output Adaptive Cable Equalizer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2993 Datasheet(HTML) 4 Page - Semtech Corporation

  GS2993 Datasheet HTML 1Page - Semtech Corporation GS2993 Datasheet HTML 2Page - Semtech Corporation GS2993 Datasheet HTML 3Page - Semtech Corporation GS2993 Datasheet HTML 4Page - Semtech Corporation GS2993 Datasheet HTML 5Page - Semtech Corporation GS2993 Datasheet HTML 6Page - Semtech Corporation GS2993 Datasheet HTML 7Page - Semtech Corporation GS2993 Datasheet HTML 8Page - Semtech Corporation GS2993 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
GS2993 Dual Output Adaptive Cable Equalizer
Data Sheet
53966 - 4
August 2012
4 of 23
Propietary & Confidential
1. Pin Out
1.1 GS2993 Pin Assignment
Figure 1-1: GS2993 Pin Out
1.2 GS2993 Pin Descriptions
Ground Pad
(bottom of package)
GS2993
24-pin QFN
(top view)
AGC
VCC_A
5
6
78
16
15
14
13
GAIN_SEL
VEE_A
SDI
1
2
3
4
SDI
VEE_02
SDO1
12
11
10
9
17
18
19
20
21
22
23
24
SDO2
VEE_01
SDO1
SDO2
Table 1-1: GS2993 Pin Descriptions
Pin Number
Name
Timing
Type
Description
1
VCC_A
Analog
Power
Most positive power supply connection for the input buffer, core
and control circuits of the device.
Connect to +3.3V DC.
2
VEE_A
Analog
Power
Most negative power supply connection for the input buffer, core
and control circuits.
Connect to GND.
3, 4
SDI, SDI
Analog
Input
Serial digital differential input.
5GAIN_SEL
Not
Synchronous
Input
Input Sensitivity Control.
When LOW, the sensitivity is 800mV.
When HIGH, the sensitivity is 400mV.
Includes an internal pull-down resistor.
6, 7
AGC, AGC
Analog
–
External AGC capacitor.
Connect pin 5 and pin 6 together as shown in the Typical
Application Circuit on page 19.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com