Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS2993 Datasheet(PDF) 8 Page - Semtech Corporation

Part # GS2993
Description  Dual Output Adaptive Cable Equalizer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2993 Datasheet(HTML) 8 Page - Semtech Corporation

Back Button GS2993 Datasheet HTML 4Page - Semtech Corporation GS2993 Datasheet HTML 5Page - Semtech Corporation GS2993 Datasheet HTML 6Page - Semtech Corporation GS2993 Datasheet HTML 7Page - Semtech Corporation GS2993 Datasheet HTML 8Page - Semtech Corporation GS2993 Datasheet HTML 9Page - Semtech Corporation GS2993 Datasheet HTML 10Page - Semtech Corporation GS2993 Datasheet HTML 11Page - Semtech Corporation GS2993 Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
GS2993 Dual Output Adaptive Cable Equalizer
Data Sheet
53966 - 4
August 2012
8 of 23
Propietary & Confidential
Power Consumption
PD
TA = 25°C,
VCC_01 = 3.3V,
VCC_02 = off
Output Swing
= 400mV
–184
–
mW
2
TA = 25°C,
VCC_01 = 3.3V,
VCC_02 = off
Output Swing
= 800mV
–215
–
mW
2
TA = 25°C,
VCC_01 = 3.3V,
VCC_02 = 3.3V
Output Swing
= 400mV
–
241
–
mW
2
TA = 25°C,
VCC_01 = 3.3V,
VCC_02 = 3.3V
Output Swing
= 800mV
–303
–
mW
2
Supply Current - Core
Is
TA = 25°C
Both outputs
on
–
57.3
–
mA
3
Supply Current - Output
Driver (for each output)
IOutput
Driver
TA = 25°C,
VCC_01 &
VCC_02 = 3.3V,
ΔVSDO = 800mV
–
17.3
–
mA
–
Supply Current - Output
Driver (for each output)
IOutput
Driver
TA = 25°C,
VCC_01 &
VCC_02 = 3.3V,
ΔVSDO = 400mV
–8.9
–
mA
–
Input Common Mode Voltage
VCMIN
TA = 25°C
–
1.8
–
V
–
SQ_ADJ DC Voltage (to mute
signal)
–
0m, TA = 25°C
–3.2
–
V
–
SQ_ADJ Range
–
TA = 25°C
–
0.9
–
V
–
CLI Output Voltage Range
(referenced to VCC_A)
–
TA = 25°C
–
0.6 to 2.0
–
V
–
CD Output Voltage
VCD(OH)
Carrier not
present
2.0
–
–
V
–
VCD(OL)
Carrier present
–
–
0.4
V
–
Sleep, GAIN_SEL, BYPASS,
OP1_EN, OP2_EN Input High
Level Voltage
VIH
–1.7
–
–
V
4
Table 2-1: DC Electrical Characteristics (Continued)
VCC_A = 3.3V ±5%, TA = -40°C to +85°C, unless otherwise shown
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com