Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS2993 Datasheet(PDF) 18 Page - Semtech Corporation

Part # GS2993
Description  Dual Output Adaptive Cable Equalizer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2993 Datasheet(HTML) 18 Page - Semtech Corporation

Back Button GS2993 Datasheet HTML 14Page - Semtech Corporation GS2993 Datasheet HTML 15Page - Semtech Corporation GS2993 Datasheet HTML 16Page - Semtech Corporation GS2993 Datasheet HTML 17Page - Semtech Corporation GS2993 Datasheet HTML 18Page - Semtech Corporation GS2993 Datasheet HTML 19Page - Semtech Corporation GS2993 Datasheet HTML 20Page - Semtech Corporation GS2993 Datasheet HTML 21Page - Semtech Corporation GS2993 Datasheet HTML 22Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
GS2993 Dual Output Adaptive Cable Equalizer
Data Sheet
53966 - 4
August 2012
18 of 23
Propietary & Confidential
5. Application Information
5.1 High Gain Adaptive Cable Equalizers
The GS2993 is Gennum's latest multi-rate adaptive cable equalizer. In order to achieve
industry-leading 3Gb/s cable lengths, it is necessary to have high-gain in the equalizer.
A video cable equalizer must provide wide band gain over a range of frequencies in
order to accommodate the range of data rates and signal patterns that are present in a
SMPTE compliant serial video stream.
The GS2993 has an increase in gain over the GS2974A at critical HD and 3Gb/s
frequencies, and because of this, the GS2993 may be sensitive to signals at the input that
the GS2974A will not be sensitive to.
Small levels of signal or noise present at the input pins of the Equalizer may cause
chatter at the output. In order to prevent this from happening, particular attention must
be paid to board layout.
5.2 PCB Layout
Special attention must be paid to component layout when designing Serial Digital
Interfaces for HDTV. An FR-4 dielectric can be used, however, controlled impedance
transmission lines are required for PCB traces longer than approximately 1cm. Note the
following PCB artwork features used to optimize performance:
• PCB trace width for 3Gb/s rate signals is closely matched to SMT component width
to minimize reflections due to change in trace impedance
• The PCB ground plane is removed under the GS2993 input components to minimize
parasitic capacitance
• The PCB ground plane is removed under the GS2993 output components to
minimize parasitic capacitance
• High-speed traces are curved to minimize impedance changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com