Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS2993 Datasheet(PDF) 16 Page - Semtech Corporation

Part # GS2993
Description  Dual Output Adaptive Cable Equalizer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2993 Datasheet(HTML) 16 Page - Semtech Corporation

Back Button GS2993 Datasheet HTML 12Page - Semtech Corporation GS2993 Datasheet HTML 13Page - Semtech Corporation GS2993 Datasheet HTML 14Page - Semtech Corporation GS2993 Datasheet HTML 15Page - Semtech Corporation GS2993 Datasheet HTML 16Page - Semtech Corporation GS2993 Datasheet HTML 17Page - Semtech Corporation GS2993 Datasheet HTML 18Page - Semtech Corporation GS2993 Datasheet HTML 19Page - Semtech Corporation GS2993 Datasheet HTML 20Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
GS2993 Dual Output Adaptive Cable Equalizer
Data Sheet
53966 - 4
August 2012
16 of 23
Propietary & Confidential
4.6 GAIN_SEL
The GS2993 has an option of compensating for 6dB of flat attenuation in applications
where there has been some type of attenuation prior to the equalizer.
\
4.7 Adjustable Output Swing, De-Emphasis and Mute
With the GS2993, the OP1_CTL input pin determines the output swing and de-emphasis
settings for the first output, with OP2_CTL controlling the second output.
The OP1_CTL and OP2_CTL pins are both analog inputs to allow different combinations
of output swing, de-emphasis and mute. The possible values are listed in Table 4-5
below:
Auto_mute can be enabled by connecting CD to OP_CTL through external components,
such that when CD is HIGH (2.5V), OP_CTL is forced HIGH (3.3V) and when CD is LOW
(0V), OP_CTL is forced LOW (0V). The input level at which the part is muted can be set
by the SQ_ADJ pin through suitable voltage variances as described in Section 4.4.
NOTE:
When SQ_ADJ functionality is used and/or in Auto_mute, the SLEEP pin should
be left open.
Table 4-4: GAIN_SEL Input Table
GAIN_SEL
Function
0
No flat band gain is applied
1
6dB of flat attenuation will be
compensated by the equalizer.
Table 4-5: OP1_CTL and OP2_CTL Functions and Levels
Level
Swing
De-emphasis
Mute
Voltage
0
800mV
Off
N
0
1
800mV
2dB
N
1 x (VCC_A)/8
2
800mV
4dB
N
2 x (VCC_A)/8
3
800mV
6dB
N
3 x (VCC_A)/8
4
400mV
Off
N
4 x (VCC_A)/8
5
400mV
2dB
N
5 x (VCC_A)/8
6
400mV
4dB
N
6 x (VCC_A)/8
7
400mV
6dB
N
7 x (VCC_A)/8
8
400mV
N/A
Y
VCC_A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com