Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS2993 Datasheet(PDF) 19 Page - Semtech Corporation

Part # GS2993
Description  Dual Output Adaptive Cable Equalizer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2993 Datasheet(HTML) 19 Page - Semtech Corporation

Back Button GS2993 Datasheet HTML 15Page - Semtech Corporation GS2993 Datasheet HTML 16Page - Semtech Corporation GS2993 Datasheet HTML 17Page - Semtech Corporation GS2993 Datasheet HTML 18Page - Semtech Corporation GS2993 Datasheet HTML 19Page - Semtech Corporation GS2993 Datasheet HTML 20Page - Semtech Corporation GS2993 Datasheet HTML 21Page - Semtech Corporation GS2993 Datasheet HTML 22Page - Semtech Corporation GS2993 Datasheet HTML 23Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
GS2993 Dual Output Adaptive Cable Equalizer
Data Sheet
53966 - 4
August 2012
19 of 23
Propietary & Confidential
5.3 Typical Application Circuit
Figure 5-1: GS2993 Typical Application Circuit
VCC_A
75
Ω
10nF
1μF
VCC_O1
1μF
6
7
8
24
22
13
5
21
11
10
4
3
23
9
2
16
15
12
10nF
17
470nF
20
GS2993
14
37.4
Ω
75
Ω
1
19
10nF
VCC_O2
18
4.7μF
6.2nH
CD
SLEEP
CLI
OP1_EN
OP1_CTL
SDO1
SDO1
SDO2
SDO2
OP2_CTL
OP2_EN
SQ_ADJ
BYPASS
AGC
AGC
GAIN_SEL
SDI
SDI
4.7μF
4.7μF
4.7μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com