Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS2993 Datasheet(PDF) 5 Page - Semtech Corporation

Part # GS2993
Description  Dual Output Adaptive Cable Equalizer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2993 Datasheet(HTML) 5 Page - Semtech Corporation

  GS2993 Datasheet HTML 1Page - Semtech Corporation GS2993 Datasheet HTML 2Page - Semtech Corporation GS2993 Datasheet HTML 3Page - Semtech Corporation GS2993 Datasheet HTML 4Page - Semtech Corporation GS2993 Datasheet HTML 5Page - Semtech Corporation GS2993 Datasheet HTML 6Page - Semtech Corporation GS2993 Datasheet HTML 7Page - Semtech Corporation GS2993 Datasheet HTML 8Page - Semtech Corporation GS2993 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
GS2993 Dual Output Adaptive Cable Equalizer
Data Sheet
53966 - 4
August 2012
5 of 23
Propietary & Confidential
8BYPASS
Not
Synchronous
Input
Core Bypass control signal input.
Forces the equalizing and DC restore stages into Bypass mode when
HIGH. No equalization occurs in this mode.
Includes an internal pull-down resistor.
9
SQ_ADJ
Analog
Input
Squelch Threshold Adjust.
Adjusts the input signal amplitude threshold of the carrier detect
function. The output can be muted when the input signal
amplitude is too low by connecting the CD and OP_CTL pins
together through some external components. In this case, when CD
is LOW (0V), OP1_CTL and/or OP2_CTL are forced LOW (0V), and
when CD is HIGH (2.5V), OP1_CTL and/or OP2_CTL are forced HIGH
(3.3V). The input level at which the part is muted can be set through
the SQ_ADJ pin through suitable voltage variances as described in
Section 4.4. NOTE: when the SQ_ADJ functionality is used and/or in
auto_mute, the auto sleep feature is not allowed, and the SLEEP pin
should be left open.
Includes an internal pull-down resistor.
10
OP2_EN
Input
Output 2 Enable.
When HIGH, Output 2 is operational.
When LOW, Output 2 is powered-down and the outputs are both at
VCC_O2.
Includes an internal pull down resistor.
11
OP2_CTL
Not
Synchronous
Input
CONTROL SIGNAL INPUT
Controls the Output Swing, De-emphasis, and Mute features of SDO
and SDO from output 2.
When connected to GND, the output swing is 800mV with no
de-emphasis. When connected to the 3.3V analog power supply, the
output is MUTED.
Includes an internal pull down resistor.
See Section 4.7 for all other control options.
12
VCC_02
Analog
Power
Most positive power supply connection for the output buffer for
output 2.
Connect to 1.2 – 3.3V.
13, 14
SDO2,
SDO2
Analog
Output
Equalized serial digital differential output 2.
15
VEE_02
Analog
Power
Most negative power supply connection for the output buffer for
output 2.
Connect to GND.
16
VEE_01
Analog
Power
Most negative power supply connection for the output buffer for
output 1.
Connect to GND.
17, 18
SDO1,
SDO1
Analog
Output
Equalized serial digital differential output.
19
VCC_01
Analog
Power
Most positive power supply connection for the output buffer for
output 1.
Connect to 1.2 – 3.3V.
Table 1-1: GS2993 Pin Descriptions (Continued)
Pin Number
Name
Timing
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com