Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS2993 Datasheet(PDF) 9 Page - Semtech Corporation

Part # GS2993
Description  Dual Output Adaptive Cable Equalizer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2993 Datasheet(HTML) 9 Page - Semtech Corporation

Back Button GS2993 Datasheet HTML 5Page - Semtech Corporation GS2993 Datasheet HTML 6Page - Semtech Corporation GS2993 Datasheet HTML 7Page - Semtech Corporation GS2993 Datasheet HTML 8Page - Semtech Corporation GS2993 Datasheet HTML 9Page - Semtech Corporation GS2993 Datasheet HTML 10Page - Semtech Corporation GS2993 Datasheet HTML 11Page - Semtech Corporation GS2993 Datasheet HTML 12Page - Semtech Corporation GS2993 Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
GS2993 Dual Output Adaptive Cable Equalizer
Data Sheet
53966 - 4
August 2012
9 of 23
Propietary & Confidential
2.3 AC Electrical Characteristics
Sleep, GAIN_SEL, BYPASS,
OP1_EN, OP2_EN Input Low
Level Voltage
VIL
––
–
0.7
V
4
NOTES:
1. VCC_O operates from 1.2V through 3.3V (+/-5%).
2. De-emphasis off.
3. An additional 6mA when de-emphasis is enabled (dual-output mode).
4. Digital pins are 2.5V, but 3.3V tolerant.
Table 2-1: DC Electrical Characteristics (Continued)
VCC_A = 3.3V ±5%, TA = -40°C to +85°C, unless otherwise shown
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Notes
Table 2-2: AC Electrical Characteristics
VCC_A = 3.3V ±5%, TA = -40°C to +85°C, unless otherwise shown
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Notes
Serial input data rate
DRSDO
–
143
–
2970
Mb/s
–
Input Voltage Swing
ΔVSDI
TA =25°C, differential,
270Mb/s and 1.485Gb/s
720
800
950
mVp-p
1
TA =25°C, differential,
2.97Gb/s
720
800
880
mVp-p
1
Output Voltage Swing
ΔVSDO
100
Ω load, TA =25°C,
differential, OP_CTL set
for high swing
–
800
–
mVp-p
2
100
Ω load, TA =25°C,
differential, OP_CTL set
for low swing
–
400
–
mVp-p
2
Output Jitter of Various
Cable Lengths and Data
Rates
–
2.97Gb/s
Belden 1694A: 0-120m
SDO1 only
–
–
0.25
UI
3,6
–
2.97Gb/s
Belden 1694A: 0-120m
SDO1 and SDO2 enabled
––
0.3
UI
3,6
–
2.97Gb/s
Belden 1694A: 120-140m
–0.3
–
UI
4,6
–
1.485Gb/s
Belden 1694A: 0-180m
–
–
0.25
UI
3,6
–
1.485Gb/s
Belden 1694A: 180-220m
–0.25–
UI
4,6
–
270Mb/s
Belden 1694A: 0-400m
––
0.2
UI
3, 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com