Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS2993 Datasheet(PDF) 10 Page - Semtech Corporation

Part # GS2993
Description  Dual Output Adaptive Cable Equalizer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2993 Datasheet(HTML) 10 Page - Semtech Corporation

Back Button GS2993 Datasheet HTML 6Page - Semtech Corporation GS2993 Datasheet HTML 7Page - Semtech Corporation GS2993 Datasheet HTML 8Page - Semtech Corporation GS2993 Datasheet HTML 9Page - Semtech Corporation GS2993 Datasheet HTML 10Page - Semtech Corporation GS2993 Datasheet HTML 11Page - Semtech Corporation GS2993 Datasheet HTML 12Page - Semtech Corporation GS2993 Datasheet HTML 13Page - Semtech Corporation GS2993 Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
GS2993 Dual Output Adaptive Cable Equalizer
Data Sheet
53966 - 4
August 2012
10 of 23
Propietary & Confidential
Output Rise/Fall time
–
2.97Gb/s & 1.485Gb/s
20% - 80%
–75–
ps
–
–
270Mb/s
–
150
–
ps
–
Mismatch in rise/fall time
–
–
–
–
30
ps
–
Duty cycle distortion
–
3G/HD
–
–
30
ps
–
SD
–
–
55
ps
–
Overshoot
–
–
–
–
10
%
–
Input Return Loss
–
–
15
21
–
dB
5
Input Resistance
–
single-ended
–
1.9
–
k
Ω
–
Input Capacitance
–
single-ended
–
1.3
–
pF
–
Output Resistance
–
single-ended
–
50
–
Ω
–
NOTES:
1. 0m cable length.
2. OP_CTL refers to either OP1_CTL or OP2_CTL
3. All parts are production tested. In order to guarantee jitter over the full range of specification (VCC_A, VCC_01 & VCC_02 = 3.3V ±5%, TA =
-40°C to +85°C, and 720-880mV launch swing from the SDI cable driver) the recommended applications circuit must be used.
4. Based on characterization data using the recommended applications circuit, at VCC_A, VCC_01 & VCC_02 = 3.3V, TA = 25°C and 800mV launch
swing from the SDI cable driver.
5. Tested on a GS2993 board from 5MHz to 3GHz.
6. GAIN_SEL = 0.
Table 2-2: AC Electrical Characteristics (Continued)
VCC_A = 3.3V ±5%, TA = -40°C to +85°C, unless otherwise shown
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com