Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8510GEDS/RV Datasheet(PDF) 40 Page - Wolfson Microelectronics plc

Part # WM8510GEDS/RV
Description  MONO CODEC WITH SPEAKER DRIVER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8510GEDS/RV Datasheet(HTML) 40 Page - Wolfson Microelectronics plc

Back Button WM8510GEDS/RV Datasheet HTML 36Page - Wolfson Microelectronics plc WM8510GEDS/RV Datasheet HTML 37Page - Wolfson Microelectronics plc WM8510GEDS/RV Datasheet HTML 38Page - Wolfson Microelectronics plc WM8510GEDS/RV Datasheet HTML 39Page - Wolfson Microelectronics plc WM8510GEDS/RV Datasheet HTML 40Page - Wolfson Microelectronics plc WM8510GEDS/RV Datasheet HTML 41Page - Wolfson Microelectronics plc WM8510GEDS/RV Datasheet HTML 42Page - Wolfson Microelectronics plc WM8510GEDS/RV Datasheet HTML 43Page - Wolfson Microelectronics plc WM8510GEDS/RV Datasheet HTML 44Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 56 page
background image
WM8510
Product Preview
w
PP Rev 1.2 December 2004
40
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
1
ADCLRSWAP
0
Controls whether ADC data appears in
‘right’ or ‘left’ phases of FRAME clock:
0=ADC data appear in ‘left’ phase of
FRAME
1=ADC data appears in ‘right’ phase of
FRAME
2
DACLRSWAP
0
Controls whether DAC data appears in
‘right’ or ‘left’ phases of FRAME clock:
0=DAC data appear in ‘left’ phase of
FRAME
1=DAC data appears in ‘right’ phase of
FRAME
4:3
FMT
10
Audio interface Data Format Select:
00=Right Justified
01=Left Justified
10=I
2S format
11= DSP/PCM mode
6:5
WL
10
Word length
00=16 bits
01=20 bits
10=24 bits
11=32 bits (see note)
Frame clock polarity
0=normal
1=inverted
7
FRAMEP
0
DSP Mode – mode A/B select
1 = MSB is available on 1st BCLK rising
edge after FRAME rising edge (mode B)
0 = MSB is available on 2nd BCLK rising
edge after FRAME rising edge (mode A)
R4
Audio
interface
control
8
BCP
0
BCLK polarity
0=normal
1=inverted
Table 24 Audio Interface Control
AUDIO INTERFACE CONTROL
The register bits controlling audio format, word length and master / slave mode are summarised
below. Each audio interface can be controlled individually.
Register bit MS selects audio interface operation in master or slave mode. In Master mode BCLK,
and FRAME are outputs. The frequency of BCLK and FRAME in master mode are controlled with
BCLKDIV. These are divided down versions of master clock. This may result in short BCLK pulses
at the end of a frame if there is a non-integer ratio of BCLKs to FRAME clocks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com