Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8510GEDS/RV Datasheet(PDF) 48 Page - Wolfson Microelectronics plc

Part # WM8510GEDS/RV
Description  MONO CODEC WITH SPEAKER DRIVER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8510GEDS/RV Datasheet(HTML) 48 Page - Wolfson Microelectronics plc

Back Button WM8510GEDS/RV Datasheet HTML 44Page - Wolfson Microelectronics plc WM8510GEDS/RV Datasheet HTML 45Page - Wolfson Microelectronics plc WM8510GEDS/RV Datasheet HTML 46Page - Wolfson Microelectronics plc WM8510GEDS/RV Datasheet HTML 47Page - Wolfson Microelectronics plc WM8510GEDS/RV Datasheet HTML 48Page - Wolfson Microelectronics plc WM8510GEDS/RV Datasheet HTML 49Page - Wolfson Microelectronics plc WM8510GEDS/RV Datasheet HTML 50Page - Wolfson Microelectronics plc WM8510GEDS/RV Datasheet HTML 51Page - Wolfson Microelectronics plc WM8510GEDS/RV Datasheet HTML 52Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 56 page
background image
WM8510
Product Preview
w
PP Rev 1.2 December 2004
48
RECOMMENDED POWER UP/DOWN SEQUENCE
In order to minimise output pop and click noise, it is recommended that the WM8510 device is
powered up and down using one of the following sequences:
Power Up When NOT Using the Output 1.5x Boost Stage:
1.
Turn on external power supplies. Wait for supply voltage to settle.
2.
Set BIASEN = 1, BUFIOEN = 1 and also the VMIDSEL[1:0] bits in the Power Management
1 register. * Notes 1 and 2.
3.
Wait for the VMID supply to settle. * Note 2.
4.
Enable DAC by setting DACEN = 1.
5.
Enable mixers as required.
6.
Enable output stages as required.
7.
Unmute DAC by setting DACMU = 0.
Power Up When Using the Output 1.5x Boost Stage:
1.
Turn on external power supplies. Wait for supply voltage to settle.
2.
Enable 1.5x output boost. Set MONOBOOST = 1 and SPKBOOST = 1 as required.
3.
Set BIASEN = 1, BUFIOEN = 1, BUFDCOPEN = 1 and also the VMIDSEL[1:0] bits in the
Power Management 1 register. * Notes 1 and 2.
4.
Wait for the VMID supply to settle. * Note 2.
5.
Enable DAC by setting DACEN = 1.
6.
Enable mixers as required.
7.
Enable output stages as required.
8.
Unmute DAC by setting DACMU = 0.
Power Down (all cases):
1.
Soft mute DAC by setting DACMU = 1.
2.
Disable all output stages.
3.
Turn off external power supplies.
Notes:
1.
This step enables the internal device bias buffer and the VMID buffer for unassigned
inputs/outputs. This will provide a startup reference voltage for all inputs and outputs. This will
cause the inputs and outputs to ramp towards VMID (NOT using output 1.5x boost) or 1.5 x
(AVDD/2) (using output 1.5x boost) in a way that is controlled and predictable (see note 2).
2.
Choose the value of the VMIDSEL bits based on the startup time (VMIDSEL=10 for slowest
startup, VMIDSEL=11 for fastest startup). Startup time is defined by the value of the VMIDSEL
bits (the reference impedance) and the external decoupling capacitor on VMID.
In addition to the power on sequence, it is recommended that the zero cross functions are used when
changing the volume in the PGAs to avoid any audible pops or clicks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com