Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8510GEDS/RV Datasheet(PDF) 23 Page - Wolfson Microelectronics plc

Part # WM8510GEDS/RV
Description  MONO CODEC WITH SPEAKER DRIVER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8510GEDS/RV Datasheet(HTML) 23 Page - Wolfson Microelectronics plc

Back Button WM8510GEDS/RV Datasheet HTML 19Page - Wolfson Microelectronics plc WM8510GEDS/RV Datasheet HTML 20Page - Wolfson Microelectronics plc WM8510GEDS/RV Datasheet HTML 21Page - Wolfson Microelectronics plc WM8510GEDS/RV Datasheet HTML 22Page - Wolfson Microelectronics plc WM8510GEDS/RV Datasheet HTML 23Page - Wolfson Microelectronics plc WM8510GEDS/RV Datasheet HTML 24Page - Wolfson Microelectronics plc WM8510GEDS/RV Datasheet HTML 25Page - Wolfson Microelectronics plc WM8510GEDS/RV Datasheet HTML 26Page - Wolfson Microelectronics plc WM8510GEDS/RV Datasheet HTML 27Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 56 page
background image
Product Preview
WM8510
w
PP Rev 1.2 December 2004
23
Figure 12 ALC Operation
The ALC/Limiter function is enabled by setting the register bit ALCSEL. When enabled, the recording
volume can be programmed between –6dB and –28.5dB (relative to ADC full scale) using the
ALCLVL register bits.
An upper limit for the PGA gain can be imposed by setting the ALCMAX
control bits and a lower limit for the PGA gain can be imposed by setting the ALCMIN control bits.
ALCHLD, ALCDCY and ALCATK control the hold, decay and attack times, respectively:
Hold time is the time delay between the peak level detected being below target and the PGA gain
beginning to ramp up. It can be programmed in power-of-two (2
n) steps, e.g. 2.67ms, 5.33ms,
10.67ms etc. up to 43.7s. Alternatively, the hold time can also be set to zero. The hold time is not
active in limiter mode (ALCMODE = 1). The hold time only applies to gain ramp-up, there is no delay
before ramping the gain down when the signal level is above target.
Decay (Gain Ramp-Up) Time is the time that it takes for the PGA gain to ramp up and is given as a
time per gain step, time per 6dB change and time to ramp up over 90% of it’s range. The decay time
can be programmed in power-of-two (2
n) steps, from 3.3ms/6dB, 6.6ms/6dB, 13.1ms/6dB, etc. to
3.36s/6dB.
Attack (Gain Ramp-Down) Time is the time that it takes for the PGA gain to ramp down and is given
as a time per gain step, time per 6dB change and time to ramp down over 90% of it’s range. The
attack time can be programmed in power-of-two (2
n) steps, from 832us/6dB, 1.66ms/6dB,
3.328us/6dB, etc. to 852ms/6dB.
NB, In peak limiter mode the gain control circuit runs approximately 4x faster to allow reduction of
fast peaks. Attack and Decay times for peak limiter mode are given below.
The hold, decay and attack times given in Table 8 are constant across sample rates so long as the
SR bits are set correctly. E.g. when sampling at 48kHz the sample rates stated in Table 8 will only
be correct if the SR bits are set to 000 (48kHz). If the actual sample rate was only 44.1kHz then the
hold, decay and attack times would be scaled down by 44.1/48.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com