Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8510GEDS/RV Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM8510GEDS/RV
Description  MONO CODEC WITH SPEAKER DRIVER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8510GEDS/RV Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM8510GEDS/RV Datasheet HTML 1Page - Wolfson Microelectronics plc WM8510GEDS/RV Datasheet HTML 2Page - Wolfson Microelectronics plc WM8510GEDS/RV Datasheet HTML 3Page - Wolfson Microelectronics plc WM8510GEDS/RV Datasheet HTML 4Page - Wolfson Microelectronics plc WM8510GEDS/RV Datasheet HTML 5Page - Wolfson Microelectronics plc WM8510GEDS/RV Datasheet HTML 6Page - Wolfson Microelectronics plc WM8510GEDS/RV Datasheet HTML 7Page - Wolfson Microelectronics plc WM8510GEDS/RV Datasheet HTML 8Page - Wolfson Microelectronics plc WM8510GEDS/RV Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
w
WM8510
Mono CODEC with Speaker Driver
WOLFSON MICROELECTRONICS plc
w :: www.wolfsonmicro.com
Product Preview December 2004, Rev 1.2
Copyright
2004 Wolfson Microelectronics plc
DESCRIPTION
The WM8510 is a low power, high quality mono codec designed
for Voice over Internet Protocol (VoIP) and Digital Telephones.
The device integrates support for one pseudo-differential and
one single ended input (Handset Mic and Speaker Mic) and
includes drivers for speakers or headset, and mono line output,
making it ideal for Telephone designs. External component
requirements are reduced as no separate microphone or
earpiece amplifiers are required.
Advanced Sigma Delta Converters are used along with digital
decimation and interpolation filters to give high quality audio at
sample rates from 8 to 48ks/s.
Additional digital filtering options are available in the ADC path,
to cater for application filtering such as ‘wind noise reduction’,
plus an advanced mixed signal ALC function with noise gate is
provided.
An on-chip PLL is provided to generate the required Master
Clock from an external reference clock. The PLL clock can also
be output if required elsewhere in the system.
The WM8510 operates at supply voltages from 2.5 to 3.6V,
although the digital core can operate at voltages down to 1.62V
to save power. The speaker and mono outputs use a separate
supply of up to 5V which enables increased output power if
required. Different sections of the chip can also be powered
down under software control by way of the selectable two or
three wire control interface.
WM8510 is supplied in a convenient 28-pin SSOP package,
offering high levels of functionality in easy to use package.
BLOCK DIAGRAM
FEATURES
•
Mono Codec:
•
Audio sample rates:8, 11.025, 16, 22.05, 24, 32, 44.1,
48kHz
•
DAC SNR 93dB, THD -84dB (‘A’-weighted @ 8 – 48ks/s)
•
ADC SNR 90dB, THD -80dB (‘A’-weighted @ 8 – 48ks/s)
•
On-chip Headphone/Speaker Driver with ‘cap-less’ connect
-
40mW output power into 16
Ω / 3.3V SPKVDD
-
BTL speaker drive 0.8W into 8
Ω / 5V SPKVDD
•
Earpiece Line output
•
Multiple analog inputs, plus analog bypass path (0 or -10dB)
•
Mic Preamps:
•
Two Microphone Interfaces
-
One pseudo-differential input
-
One single ended input
-
Programmable preamp gain
-
Psuedo differential inputs with common mode rejection
-
Programmable ALC / Noise Gate in ADC path
•
Low-noise bias supplied for microphone
Other features
•
Digital Playback Limiter
•
Programmable ADC High Pass Filter (wind noise reduction)
•
Programmable ADC Notch Filter
•
On-chip PLL
•
Low power, low voltage
-
2.5V to 3.6V (digital core: 1.62V to 3.6V)
-
power consumption <10mA all-on 48ks/s mode
•
28 pin SSOP package
APPLICATIONS
•
VoIP Telephones
•
Digital Telephones
•
Conference Speaker-phone
•
Mobile Telephone Hands-free Kits
•
General Purpose low power audio CODEC


Similar Part No. - WM8510GEDS/RV

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8510GEDS/RV WOLFSON-WM8510GEDS/RV Datasheet
866Kb / 81P
Mono CODEC with Speaker Driver
More results

Similar Description - WM8510GEDS/RV

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8974 WOLFSON-WM8974 Datasheet
795Kb / 63P
MONO CODEC WITH SPEAKER DRIVER
WM8510 WOLFSON-WM8510_06 Datasheet
866Kb / 81P
Mono CODEC with Speaker Driver
WM8940 WOLFSON-WM8940_07 Datasheet
854Kb / 85P
Mono CODEC with Speaker Driver
WM8974 WOLFSON-WM8974_07 Datasheet
1,020Kb / 87P
Mono CODEC with Speaker Driver
WM8941 WOLFSON-WM8941 Datasheet
1Mb / 96P
Mono CODEC with Speaker Driver and Video Buffer
WM8940 WOLFSON-WM8940_11 Datasheet
922Kb / 91P
Mono CODEC with Speaker Driver
logo
Cirrus Logic
WM8974 CIRRUS-WM8974 Datasheet
2Mb / 89P
Mono CODEC with Speaker Driver
logo
Nuvoton Technology Corp...
NAU8812 NUVOTON-NAU8812 Datasheet
2Mb / 110P
Mono Audio Codec with Speaker Driver
WAU8812 NUVOTON-WAU8812 Datasheet
702Kb / 15P
Mono Audio Codec with Speaker Driver
logo
Cirrus Logic
WM8940 CIRRUS-WM8940 Datasheet
1Mb / 88P
Mono CODEC with Speaker Driver
Rev 4.4 JAN 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com