Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8510GEDS/RV Datasheet(PDF) 17 Page - Wolfson Microelectronics plc

Part # WM8510GEDS/RV
Description  MONO CODEC WITH SPEAKER DRIVER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8510GEDS/RV Datasheet(HTML) 17 Page - Wolfson Microelectronics plc

Back Button WM8510GEDS/RV Datasheet HTML 13Page - Wolfson Microelectronics plc WM8510GEDS/RV Datasheet HTML 14Page - Wolfson Microelectronics plc WM8510GEDS/RV Datasheet HTML 15Page - Wolfson Microelectronics plc WM8510GEDS/RV Datasheet HTML 16Page - Wolfson Microelectronics plc WM8510GEDS/RV Datasheet HTML 17Page - Wolfson Microelectronics plc WM8510GEDS/RV Datasheet HTML 18Page - Wolfson Microelectronics plc WM8510GEDS/RV Datasheet HTML 19Page - Wolfson Microelectronics plc WM8510GEDS/RV Datasheet HTML 20Page - Wolfson Microelectronics plc WM8510GEDS/RV Datasheet HTML 21Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 56 page
background image
Product Preview
WM8510
w
PP Rev 1.2 December 2004
17
In mixer mode (MIC2MODE=1) the on-chip input resistor is bypassed, this allows the user to sum in
multiple inputs with the use of external resistors.
When used in this mode there will be gain
variations through this path from part to part due to the variation of the internal 20kΩ resistors relative
to the higher tolerance external resistors.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1
Power
management
1
6
MIC2EN
0
MIC2 input buffer enable
0 = OFF
1 = ON
R44
Input control
3
MIC2MODE
0
0 = inverting buffer
1 = mixer (on-chip input resistor bypassed)
Table 2 MIC2 Input Buffer Control
INPUT BOOST
The input BOOST circuit has 3 selectable inputs: the input microphone PGA output, the MIC2
amplifier output and the MICP input pin (when not using a differential microphone configuration).
These three inputs can be mixed together and have individual gain boost/adjust as shown in Figure
8.
Figure 8 Input Boost Stage
The input PGA path can have a +20dB boost (PGABOOST=1) a 0dB pass through (PGABOOST=0)
or be completely isolated from the input boost circuit (INPPGAMUTE=1).
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R45
Input PGA
gain control
6
INPPGAMUTE
0
Mute control for input PGA:
0=Input PGA not muted, normal
operation
1=Input PGA muted (and
disconnected from the following input
BOOST stage).
R47
Input BOOST
control
8
PGABOOST
1
0 = PGA output has +0dB gain
through input BOOST stage.
1 = PGA output has +20dB gain
through input BOOST stage.
Table 3 Input BOOST Stage Control
The MIC2 amplifier path to the BOOST stage is controlled by the MIC2_2BOOSTVOL[2:0] register
bits.
When MIC2_2BOOSTVOL=000 this path is completely disconnected from the BOOST stage.
Settings 001 through to 111 control the gain in 3dB steps from -12dB to +6dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com