Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8510GEDS/RV Datasheet(PDF) 44 Page - Wolfson Microelectronics plc

Part # WM8510GEDS/RV
Description  MONO CODEC WITH SPEAKER DRIVER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8510GEDS/RV Datasheet(HTML) 44 Page - Wolfson Microelectronics plc

Back Button WM8510GEDS/RV Datasheet HTML 40Page - Wolfson Microelectronics plc WM8510GEDS/RV Datasheet HTML 41Page - Wolfson Microelectronics plc WM8510GEDS/RV Datasheet HTML 42Page - Wolfson Microelectronics plc WM8510GEDS/RV Datasheet HTML 43Page - Wolfson Microelectronics plc WM8510GEDS/RV Datasheet HTML 44Page - Wolfson Microelectronics plc WM8510GEDS/RV Datasheet HTML 45Page - Wolfson Microelectronics plc WM8510GEDS/RV Datasheet HTML 46Page - Wolfson Microelectronics plc WM8510GEDS/RV Datasheet HTML 47Page - Wolfson Microelectronics plc WM8510GEDS/RV Datasheet HTML 48Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 56 page
background image
WM8510
Product Preview
w
PP Rev 1.2 December 2004
44
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R7
Additional
control
3:1
SR
000
Approximate sample rate (configures the
coefficients for the internal digital filters):
000=48kHz
001=32kHz
010=24kHz
011=16kHz
100=12kHz
101=8kHz
110-111=reserved
Table 28 Sample Rate Control
MASTER CLOCK AND PHASE LOCKED LOOP (PLL)
The WM8510 has an on-chip phase-locked loop (PLL) circuit that can be used to:
Generate master clocks for the WM8510 audio functions from another external clock, e.g. in
telecoms applications.
Generate and output (on pin CSB/GPIO) a clock for another part of the system that is derived from
an existing audio master clock.
Figure 27 shows the PLL and internal clocking arrangment on the WM8510.
The PLL can be enabled or disabled by the PLLEN register bit.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1
Power
management 1
5
PLLEN
0
PLL enable
0=PLL off
1=PLL on
Table 29 PLLEN Control Bit
Figure 27 PLL and Clock Select Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com