Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8510GEDS/RV Datasheet(PDF) 16 Page - Wolfson Microelectronics plc

Part # WM8510GEDS/RV
Description  MONO CODEC WITH SPEAKER DRIVER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8510GEDS/RV Datasheet(HTML) 16 Page - Wolfson Microelectronics plc

Back Button WM8510GEDS/RV Datasheet HTML 12Page - Wolfson Microelectronics plc WM8510GEDS/RV Datasheet HTML 13Page - Wolfson Microelectronics plc WM8510GEDS/RV Datasheet HTML 14Page - Wolfson Microelectronics plc WM8510GEDS/RV Datasheet HTML 15Page - Wolfson Microelectronics plc WM8510GEDS/RV Datasheet HTML 16Page - Wolfson Microelectronics plc WM8510GEDS/RV Datasheet HTML 17Page - Wolfson Microelectronics plc WM8510GEDS/RV Datasheet HTML 18Page - Wolfson Microelectronics plc WM8510GEDS/RV Datasheet HTML 19Page - Wolfson Microelectronics plc WM8510GEDS/RV Datasheet HTML 20Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 56 page
background image
WM8510
Product Preview
w
PP Rev 1.2 December 2004
16
INPUT PGA VOLUME CONTROL
The input microphone PGA has a gain range from -12dB to +35.25dB in 0.75dB steps. The gain
from the MICN input to the PGA output and from the MIC2 amplifier to the PGA output are always
common and controlled by the register bits INPPGAVOL[5:0]. These register bits also affect the
MICP pin when MICP2INPPGA=1.
When the Automatic Level Control (ALC) is enabled the input PGA gain is then controlled
automatically and the INPPGAVOL bits should not be used.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
5:0
INPPGAVOL
010000
Input PGA volume
000000 = -12dB
000001 = -11.25db
.
010000 = 0dB
.
111111 = +35.25dB
6
INPPGAMUT
E
0
Mute control for input PGA:
0=Input PGA not muted, normal operation
1=Input PGA muted (and disconnected
from the following input BOOST stage).
R45
Input PGA
volume
control
7
INPPGAZC
0
Input PGA zero cross enable:
0=Update gain when gain register
changes
1=Update gain on 1
st zero cross after gain
register write.
R32
ALC control
1
8
ALCSEL
0
ALC function select:
0=ALC off (PGA gain set by INPPGAVOL
register bits)
1=ALC on (ALC controls PGA gain)
Table 1 Input PGA Volume Control
MIC 2 INPUT
A second mic input circuit, MIC2 (Figure 7) is provided which consists of an amplifier which can be
configured either as an inverting buffer for a single input signal or as a mixer/summer for multiple
inputs with the use of external resistors. The circuit is enabled by the register bit MIC2EN.
Figure 7 MIC2 Input Circuit
The MIC2MODE register bit controls the input mode of operation:
In buffer mode (MIC2MODE=0) the switch labelled MIC2SW in Figure 7 is open and the signal at the
MIC2 pin will be buffered and inverted through the MIC2 circuit using only the internal components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com