Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8510GEDS/RV Datasheet(PDF) 53 Page - Wolfson Microelectronics plc

Part # WM8510GEDS/RV
Description  MONO CODEC WITH SPEAKER DRIVER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8510GEDS/RV Datasheet(HTML) 53 Page - Wolfson Microelectronics plc

Back Button WM8510GEDS/RV Datasheet HTML 48Page - Wolfson Microelectronics plc WM8510GEDS/RV Datasheet HTML 49Page - Wolfson Microelectronics plc WM8510GEDS/RV Datasheet HTML 50Page - Wolfson Microelectronics plc WM8510GEDS/RV Datasheet HTML 51Page - Wolfson Microelectronics plc WM8510GEDS/RV Datasheet HTML 52Page - Wolfson Microelectronics plc WM8510GEDS/RV Datasheet HTML 53Page - Wolfson Microelectronics plc WM8510GEDS/RV Datasheet HTML 54Page - Wolfson Microelectronics plc WM8510GEDS/RV Datasheet HTML 55Page - Wolfson Microelectronics plc WM8510GEDS/RV Datasheet HTML 56Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 53 / 56 page
background image
Product Preview
WM8510
w
PP Rev 1.2 December 2004
53
DE-EMPHASIS FILTER RESPONSES
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
0
2000
4000
6000
8000
10000
12000
14000
16000
Frequency (Hz)
-0.15
-0.10
-0.05
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0
2000
4000
6000
8000
10000
12000
14000
16000
Frequency (Hz)
Figure 34 De-emphasis Frequency Response (32kHz)
Figure 35 De-emphasis Error (32kHz)
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
0
5000
10000
15000
20000
Frequency (Hz)
-0.20
-0.15
-0.10
-0.05
0.00
0.05
0.10
0
5000
10000
15000
20000
Frequency (Hz)
Figure 36 De-emphasis Frequency Response (44.1kHz)
Figure 37 De-emphasis Error (44.1kHz)
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
0
5000
10000
15000
20000
Frequency (Hz)
-0.10
-0.08
-0.06
-0.04
-0.02
0.00
0.02
0.04
0.06
0.08
0.10
0
5000
10000
15000
20000
Frequency (Hz)
Figure 38 De-emphasis Frequency Response (48kHz)
Figure 39 De-emphasis Error (48kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com