Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VREF Datasheet(PDF) 2 Page - Asahi Kasei Microsystems

Part # VREF
Description  96kHz Sampling DS 20bit ADC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

VREF Datasheet(HTML) 2 Page - Asahi Kasei Microsystems

  VREF Datasheet HTML 1Page - Asahi Kasei Microsystems VREF Datasheet HTML 2Page - Asahi Kasei Microsystems VREF Datasheet HTML 3Page - Asahi Kasei Microsystems VREF Datasheet HTML 4Page - Asahi Kasei Microsystems VREF Datasheet HTML 5Page - Asahi Kasei Microsystems VREF Datasheet HTML 6Page - Asahi Kasei Microsystems VREF Datasheet HTML 7Page - Asahi Kasei Microsystems VREF Datasheet HTML 8Page - Asahi Kasei Microsystems VREF Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
ASAHI KASEI
[AK5352]
0155-E-00
1997/1
- 2 -
„ Ordering Guide
AK5352-VF
-10
∼70°C
24pin VSOP
AKD5351/2
Evaluation Board
„ Pin Layout
„ Replacement from AK5350 to AK5352
AK5350
AK5352
Package
28VSOP
24VSOP
*)Interchangeable with AK5352
fc of HPF(@fs=48kHz)
7Hz
1Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com