Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VREF Datasheet(PDF) 1 Page - Asahi Kasei Microsystems

Part # VREF
Description  96kHz Sampling DS 20bit ADC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

VREF Datasheet(HTML) 1 Page - Asahi Kasei Microsystems

  VREF Datasheet HTML 1Page - Asahi Kasei Microsystems VREF Datasheet HTML 2Page - Asahi Kasei Microsystems VREF Datasheet HTML 3Page - Asahi Kasei Microsystems VREF Datasheet HTML 4Page - Asahi Kasei Microsystems VREF Datasheet HTML 5Page - Asahi Kasei Microsystems VREF Datasheet HTML 6Page - Asahi Kasei Microsystems VREF Datasheet HTML 7Page - Asahi Kasei Microsystems VREF Datasheet HTML 8Page - Asahi Kasei Microsystems VREF Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
ASAHI KASEI
[AK5352]
0155-E-00
1997/1
- 1 -
AK5352
96kHz Sampling
∆Σ 20bit ADC
GENERAL DESCRIPTION
The AK5352 is a 20-bit, 96kHz sampling rate for DAT and DVD, 64x oversampling rate(64fs), 2-channel A/D
converter for stereo digital systems. The
∆Σ modulator in the AK5352 uses the new developed Enhanced Dual
bit architecture. This new architecture achieves the wider dynamic range, while keeping much the same
superior distortion characteristics as the conventional Single bit way.
The AK5352 is available in a small 24pin VSOP package which will reduce your system space.
FEATURES
† Sampling Rate up to 96kHz
† Full-differential inputs
† S/(N+D): 97dB
† DR, S/N: 104dB
† Linear phase digital filter
• Pass band: 0
∼ 22kHz(@fs=48kHz)
• Pass band ripple:
±0.005dB
• Stop band attenuation: 80dB
† Digital HPF for DC-offset cancel
† Master clock: 256fs/384fs
† Power supply: 5V±5%
† Small package: 24pinVSOP


Similar Part No. - VREF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VRE100 ETC-VRE100 Datasheet
341Kb / 5P
Precision Reference Supplies
logo
Cirrus Logic
VRE100 CIRRUS-VRE100 Datasheet
638Kb / 5P
Precision Voltage Reference
VRE100 CIRRUS-VRE100 Datasheet
858Kb / 5P
Precision Voltage Reference
logo
List of Unclassifed Man...
VRE100C ETC-VRE100C Datasheet
341Kb / 5P
Precision Reference Supplies
logo
Cirrus Logic
VRE100C CIRRUS-VRE100C Datasheet
638Kb / 5P
Precision Voltage Reference
More results

Similar Description - VREF

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4520A AKM-AK4520A Datasheet
198Kb / 19P
100dB 20Bit Stereo ADC & DAC
AK4522 AKM-AK4522 Datasheet
134Kb / 18P
20BIT STEREO ADC & DAC
AK4523 AKM-AK4523 Datasheet
161Kb / 20P
20BIT STEREO ADC & DAC
AK5351 AKM-AK5351 Datasheet
174Kb / 19P
Enhanced Dual bit 20bit ADC
AK5352 AKM-AK5352 Datasheet
174Kb / 19P
96kHz Sampling 20bit ADC
AK5381 AKM-AK5381 Datasheet
138Kb / 20P
24Bit 96kHz ?誇 ADC
AK4522 AKM-AK4522_12 Datasheet
192Kb / 19P
20Bit Stereo ?誇 ADC & DAC
AK5393VS AKM-AK5393VS Datasheet
132Kb / 18P
Enhanced Dual Bit DS 96kHz 24-Bit ADC
AK4324 AKM-AK4324 Datasheet
166Kb / 18P
96kHz Sampling 24Bit DS DAC
AK4324VF AKM-AK4324VF Datasheet
166Kb / 18P
96kHz Sampling 24Bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com