Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VREF Datasheet(PDF) 15 Page - Asahi Kasei Microsystems

Part # VREF
Description  96kHz Sampling DS 20bit ADC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

VREF Datasheet(HTML) 15 Page - Asahi Kasei Microsystems

Back Button VREF Datasheet HTML 11Page - Asahi Kasei Microsystems VREF Datasheet HTML 12Page - Asahi Kasei Microsystems VREF Datasheet HTML 13Page - Asahi Kasei Microsystems VREF Datasheet HTML 14Page - Asahi Kasei Microsystems VREF Datasheet HTML 15Page - Asahi Kasei Microsystems VREF Datasheet HTML 16Page - Asahi Kasei Microsystems VREF Datasheet HTML 17Page - Asahi Kasei Microsystems VREF Datasheet HTML 18Page - Asahi Kasei Microsystems VREF Datasheet HTML 19Page - Asahi Kasei Microsystems  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
ASAHI KASEI
[AK5352]
0155-E-00
1997/1
- 15 -
SYSTEM DESIGN
Figure 5 shows the system connection diagram. Figure 6 shows the input buffer circuit. An evaluation
board[AKD5351/2] is available which demonstrates the optimum layout, power supply arrangement and
measurement results.
Figure 5 . System Connection Diagram Example
NOTE: +5V Analog should be powered the same time or earlier than +5V Digital.
Figure 6 . Input Buffer Circuit Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com