Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VREF Datasheet(PDF) 6 Page - Asahi Kasei Microsystems

Part # VREF
Description  96kHz Sampling DS 20bit ADC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

VREF Datasheet(HTML) 6 Page - Asahi Kasei Microsystems

Back Button VREF Datasheet HTML 2Page - Asahi Kasei Microsystems VREF Datasheet HTML 3Page - Asahi Kasei Microsystems VREF Datasheet HTML 4Page - Asahi Kasei Microsystems VREF Datasheet HTML 5Page - Asahi Kasei Microsystems VREF Datasheet HTML 6Page - Asahi Kasei Microsystems VREF Datasheet HTML 7Page - Asahi Kasei Microsystems VREF Datasheet HTML 8Page - Asahi Kasei Microsystems VREF Datasheet HTML 9Page - Asahi Kasei Microsystems VREF Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
ASAHI KASEI
[AK5352]
0155-E-00
1997/1
- 6 -
ANALOG CHARACTERISTICS (fs=48kHz)
(Ta=25
°C; VA,VD,VB=5.0V; fs=48kHz; 20bit; Input signal frequency=1kHz,
Measurement Bandwidth=10Hz
∼20kHz; unless otherwise specified.)
Parameter
min
typ
max
Units
Resolution
20
Bits
Analog Input Characteristics (Analog source impedance: 330
Ω)
S/(N+D)
(Note 4 )
88
97
dB
Dynamic Range
(A-weighted) (Note 5 )
98
104
dB
S/N
(A-weighted) (Note 6 )
98
104
dB
Interchannel Isolation
(f=1kHz)
100
120
dB
Interchannel Gain Mismatch
0.1
0.3
dB
Gain drift
±200
ppm/
°C
Input Voltage Range
±3.26
±3.47
±3.68
Vp-p
Input Impedance
50
80
k
Ω
Power Supplies
Power Supply Current
(Note 7 )
Normal Operation
(PD="H")
VA+VB
VD
Power-Down mode
(PD="L")
VA+VB
VD
15
6
20
10
25
9
mA
mA
uA
uA
Power Consumption
(Note 7 )
Normal Operation
Power-Down mode
105
150
170
mW
uW
Power Supply Rejection Ratio
50
dB
Note 4 : The ratio of the rms value of the signal to the sum of all other spectral components up to 20kHz
except for the signal (included harmonic component, excluded DC component, analog input
signal is -0.5dB). Inversed of THD+N.
Note 5 : S/(N+D) with an input signal of 60dB below full-scale.
Note 6 : When using only 20kHzLPF, S/N and DR are 100dB(typ.). When using CCIR-ARM filter,
S/N is 100dB(typ.).
Note 7 : Almost no current is supplied from VB pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com