Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VREF Datasheet(PDF) 7 Page - Asahi Kasei Microsystems

Part # VREF
Description  96kHz Sampling DS 20bit ADC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

VREF Datasheet(HTML) 7 Page - Asahi Kasei Microsystems

Back Button VREF Datasheet HTML 3Page - Asahi Kasei Microsystems VREF Datasheet HTML 4Page - Asahi Kasei Microsystems VREF Datasheet HTML 5Page - Asahi Kasei Microsystems VREF Datasheet HTML 6Page - Asahi Kasei Microsystems VREF Datasheet HTML 7Page - Asahi Kasei Microsystems VREF Datasheet HTML 8Page - Asahi Kasei Microsystems VREF Datasheet HTML 9Page - Asahi Kasei Microsystems VREF Datasheet HTML 10Page - Asahi Kasei Microsystems VREF Datasheet HTML 11Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
ASAHI KASEI
[AK5352]
0155-E-00
1997/1
- 7 -
ANALOG CHARACTERISTICS (fs=96kHz)
(Ta=25
°C; VA,VD,VB=5.0V; fs=96kHz; 20bit; Input signal frequency=1kHz,
Measurement Bandwidth=10Hz
∼ 40kHz; unless otherwise specified.)
Parameter
min
typ
max
Units
Resolution
20
Bits
Analog Input Characteristics (Analog source impedance: 330
Ω)
S/(N+D)
(Note 8 )
86
96
dB
Dynamic Range
(Note 9 )(Note 10 )
90
99
dB
S/N
(Note 10 )
90
99
dB
Interchannel Isolation
(f=1kHz)
100
120
dB
Interchannel Gain Mismatch
0.1
0.3
dB
Gain drift
±200
ppm/
°C
Input Voltage Range
±3.26
±3.47
±3.68
Vp-p
Input Impedance
25
40
k
Ω
Power Supplies
Power Supply Current
(Note 11 )
Normal Operation
(PD="H")
VA+VB
VD
Power-Down mode (PD="L")
VA+VB
VD
15
12
20
10
25
18
mA
mA
uA
uA
Power Consumption
(Note 11 )
Normal Operation
Power-Down mode
135
150
215
mW
uW
Power Supply Rejection Ratio
50
dB
Note 8 : The ratio of the rms value of the signal to the sum of all other spectral components up to 40kHz
except for the signal (included harmonic component, excluded DC component, analog input
signal is -0.5dB). Inversed of THD+N.
Note 9 : S/(N+D) with an input signal of 60dB below full-scale.
Note 10 : These value are measured by 40kHz flat, without A-weighted. When using A-weighted, S/N and
DR are 104dB(typ.).
Note 11 : Almost no current is supplied from VB pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com