Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VREF Datasheet(PDF) 16 Page - Asahi Kasei Microsystems

Part # VREF
Description  96kHz Sampling DS 20bit ADC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

VREF Datasheet(HTML) 16 Page - Asahi Kasei Microsystems

Back Button VREF Datasheet HTML 11Page - Asahi Kasei Microsystems VREF Datasheet HTML 12Page - Asahi Kasei Microsystems VREF Datasheet HTML 13Page - Asahi Kasei Microsystems VREF Datasheet HTML 14Page - Asahi Kasei Microsystems VREF Datasheet HTML 15Page - Asahi Kasei Microsystems VREF Datasheet HTML 16Page - Asahi Kasei Microsystems VREF Datasheet HTML 17Page - Asahi Kasei Microsystems VREF Datasheet HTML 18Page - Asahi Kasei Microsystems VREF Datasheet HTML 19Page - Asahi Kasei Microsystems  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
ASAHI KASEI
[AK5352]
0155-E-00
1997/1
- 16 -
„ Grounding and Power Supply Decoupling
The AK5352 requires careful attention to power supply and grounding arrangements. The VA and VB are
connected together through the chip substrate and have several ohm resistance. The power to VB should
come up at the same time or faster than the power to VD, when they are fed separately to the device (Figure 5 ).
As to the connections of decoupling capacitors, refer to Figure 5 . The 0.1uF of decoupling capacitors
connected power supply pins should be as near as possible to the power supply pin.
As AINL± pins is near VD pin, ground pattern should be inserted between VD line and AINL±lines to avoid
digital noise coupling. Refer to evaluation board manual of AKD5352/1 Rev.B about board layout.
„ Analog connections
Analog signal is differentially input into the modulator via the AIN+ and the AIN- pins. The input voltage is the
difference between AIN+ and AIN- pins. The full-scale of each pin is ±3.47Vp-p on its reference
voltage(VREF). In case that the positive input is more than its full-scale, the AK5352 outputs positive
7FFFFH(Hex, Full-scale). In case that the negative input is more than its full-scale, the AK5352 outputs
negative 80000H(Hex, Full- scale). In case of an ideal value of no input, outputs 00000H(@20bit). DC offset is
removed by internal HPF.
AK5352 samples the analog inputs at 3.072MHz with fs=48kHz. The digital filter rejects all noise between
26.5kHz and 3.0455MHz. However, the filter will not reject frequencies right around 3.072MHz ( and multiples
of 3.072MHz). Most audio signals do not have significant noise energy at 3.072MHz. Hence, a simple RC filter
is sufficient to attenuate any noise energy at 3.072MHz.
The reference voltage for A/D converter is supplied from the VREF pin at VA reference. In order to eliminate
the effects of high frequency noise on the VREF pin, a 10uF or less electrolytic capacitor and a 0.1uF ceramic
capacitor should be connected parallel between the VREF and the VA pins. No current should be driven from
the VREF pin.
The AK5352 accepts +5V supply voltage. Any voltage which exceeds the upper limit of (VA+)+0.3V and lower
limit of AGND-0.3V and any current beyond 10mA for the analog input pins(AINL±, AINR±) should be avoided.
Excessive currents to the input pins may damage the device. Hence input pins must be protected from signals
at or beyond these limits.
Use caution specially in case of using ±15V in surrounding analog circuit.
„ Digital Connections
To minimize digital originated noise, connect the ADC digital outputs only to CMOS inputs. Logic families of
4000B, 74HC, 74AC, 74ACT and 74HCT series are suitable.
„ Multiple AK5352
In systems where multiple ADC's are required, care must be taken to insure the internal clocks are synchronized
between converters to make simultaneous sampling. In slave mode, synchronous sampling is achieved by supplying
the same MCLK and LRCK to all converters. In master mode, the same PD signal is supplied to each ADC.The PD
state is released at the first rising edge of MCLK after bringing PD into high. Hence, if the rising edge of PD and rising
edge of MCLK coincides together the sampling difference among the ADC's modulator would occur. The difference
could be 1/256fs in the sampling clock(64fs) of the modulator, typically 81ns at fs=48kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com