Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VREF Datasheet(PDF) 5 Page - Asahi Kasei Microsystems

Part # VREF
Description  96kHz Sampling DS 20bit ADC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

VREF Datasheet(HTML) 5 Page - Asahi Kasei Microsystems

  VREF Datasheet HTML 1Page - Asahi Kasei Microsystems VREF Datasheet HTML 2Page - Asahi Kasei Microsystems VREF Datasheet HTML 3Page - Asahi Kasei Microsystems VREF Datasheet HTML 4Page - Asahi Kasei Microsystems VREF Datasheet HTML 5Page - Asahi Kasei Microsystems VREF Datasheet HTML 6Page - Asahi Kasei Microsystems VREF Datasheet HTML 7Page - Asahi Kasei Microsystems VREF Datasheet HTML 8Page - Asahi Kasei Microsystems VREF Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
ASAHI KASEI
[AK5352]
0155-E-00
1997/1
- 5 -
ABSOLUTE MAXIMUM RATINGS
(AGND,DGND=0V; Note 1 )
Parameter
Symbol
min
max
Units
DC Power Supply:Analog Power(VA pin)
Digital Power(VD pin) (Note 2 )
Substrate Power(VB pin)
VA
VD
VB
-0.3
-0.3
-0.3
6.0
6.0/VB+0.3
6.0
V
V
Input Current (Any pin except supplies)
IIN
-
±10
mA
Analog Input Voltage
AINL+,AINL-,AINR+,AINR-pins
(Note 2 )
VINA
-0.3
6.0/VA+0.3
V
Digital Input Voltage
(Note 2 )
VIND
-0.3
6.0/VB+0.3
V
Ambient Temperature
Ta
-10
70
°C
Storage Temperature
Tstg
-65
150
°C
Note 1 : All voltage with respect to ground.
Note 2 : Absolute maximum value is the highest voltage in 6.0V, VA+0.3V and VB+0.3V.
WARNING: Operation beyond these limits may result in permanent damage to the device.
Normal operation is not guaranteed at these extremes.
RECOMMENDED OPERATING CONDITIONS
(AGND,DGND=0V; Note 1 )
Parameter
Symbol
min
typ
max
Units
DC Power Supplies: Analog Power
Digital Power(VD pin)
Substrate Power(VB pin)(Note 3 )
VA
VD
VB
4.75
4.75
4.75
5.0
5.0
5.0
5.25
VB
5.25
V
V
V
Note 1 : All voltages with respect to ground.
Note 3 : The VA and VB are connected together through the chip substrate and have several ohms
resistance. VA and VD must be same voltage.
* AKM assumes no responsibility for the usage beyond the conditions in this data sheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com