Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VREF Datasheet(PDF) 12 Page - Asahi Kasei Microsystems

Part # VREF
Description  96kHz Sampling DS 20bit ADC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

VREF Datasheet(HTML) 12 Page - Asahi Kasei Microsystems

Back Button VREF Datasheet HTML 8Page - Asahi Kasei Microsystems VREF Datasheet HTML 9Page - Asahi Kasei Microsystems VREF Datasheet HTML 10Page - Asahi Kasei Microsystems VREF Datasheet HTML 11Page - Asahi Kasei Microsystems VREF Datasheet HTML 12Page - Asahi Kasei Microsystems VREF Datasheet HTML 13Page - Asahi Kasei Microsystems VREF Datasheet HTML 14Page - Asahi Kasei Microsystems VREF Datasheet HTML 15Page - Asahi Kasei Microsystems VREF Datasheet HTML 16Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
ASAHI KASEI
[AK5352]
0155-E-00
1997/1
- 12 -
„ Serial Data Interface
Audio Serial Interface has four kinds of mode, it can be changed by SMODE1 and SMODE2 pins. Data format
is MSB first, 2's complement.
Figure
SMODE1
SMODE2
Mode
L/R polarity
Figure 1
L
L
Slave Mode: 20bit, MSB justified
Lch=H, Rch=L
Figure 2
H
L
Master Mode: Similar to I
2SLch=H, Rch=L
Figure 3
L
H
Slave Mode: I
2SLch=L, Rch=H
Figure 4
H
H
Master Mode: I
2SLch=L, Rch=H
Table 2 . Serial Interface
1) SLAVE mode
An output channel is defined by LRCK. Both channel data are output in sequence, in order of the Lch first then
Rch at the rate of fs. Data bits are clocked out via the SDATA pin at SCLK rate. Figure 1 and Figure 3 shows
data output timing at SCLK=64fs. FSYNC enables SCLK to start clocking out data. The MSB is clocked out by
the LRCK edge. SCLK causes the ADC to output succeeding bits when FSYNC is high. However, as I
2S slave
mode ignores FSYNC, it should hold "L" or "H".
2) MASTER mode
In MASTER mode, the A/D converter is driven from a master clock(MCLK:256fs/384fs) and outputs all other
clocks(LRCK, SCLK). The falling edge of SCLK causes the ADC to output each bit. Figure 2 and Figure 4
shows the output timing. 2x fs clock of 50% duty is output via the FSYNC pin. FSYNC rises one SCLK cycle
after the transition of LRCK edges and stays high during 16 serial clocks(16*tSLK). Upper 16 bit data is output
during FSYNC "H", lower 4 bit is output after FSYNC "L" transition.
Figure 1 . Data Output Timing (Slave mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com