Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT234XD-R Datasheet(PDF) 20 Page - Future Technology Devices International Ltd.

Part # FT234XD-R
Description  USB to BASIC UART IC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT234XD-R Datasheet(HTML) 20 Page - Future Technology Devices International Ltd.

Back Button FT234XD-R Datasheet HTML 16Page - Future Technology Devices International Ltd. FT234XD-R Datasheet HTML 17Page - Future Technology Devices International Ltd. FT234XD-R Datasheet HTML 18Page - Future Technology Devices International Ltd. FT234XD-R Datasheet HTML 19Page - Future Technology Devices International Ltd. FT234XD-R Datasheet HTML 20Page - Future Technology Devices International Ltd. FT234XD-R Datasheet HTML 21Page - Future Technology Devices International Ltd. FT234XD-R Datasheet HTML 22Page - Future Technology Devices International Ltd. FT234XD-R Datasheet HTML 23Page - Future Technology Devices International Ltd. FT234XD-R Datasheet HTML 24Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
Copyright © 2015 Future Technology Devices International Limited
20
FT234XD USB TO BASIC UART IC
Version 1.2
Document No.: FT_000753 Clearance No.: FTDI#324
6 USB Power Configurations
The following sections illustrate possible USB power configurations for the FT234XD. The illustrations
have omitted pin numbers for ease of understanding since the pins differ between the FT234XDS and
FT234XDQ package options.
All USB power configurations illustrated apply to both package options for the FT234XD device. Please
refer to Section 9 for the package option pin-out and signal descriptions.
6.1 USB Bus Powered Configuration
FT234XD
1
2
3
4
5
SHIELD
Ferrite
Bead
GND
GND
VCC
GND
VCC
3V3OUT
USBDM
USBDP
VCCIO
VCC
RESET#
100nF
100nF
10nF
4.7uF
+
27R
27R
GND
47pF
47pF
Figure 6.1 Bus Powered Configuration
Figure 6.1 Illustrates the FT234XD in a typical USB bus powered design configuration. A USB bus
powered device gets its power from the USB bus. Basic rules for USB bus power devices are as follows –
i)
On plug-in to USB, the device should draw no more current than 100mA.
ii)
In USB Suspend mode the device should draw no more than 2.5mA.
iii)
A bus powered high power USB device (one that draws more than 100mA) should use the
CBUS pin configured as PWREN# and use it to keep the current below 100mA on plug-in and
2.5mA on USB suspend.
iv)
A device that consumes more than 100mA cannot be plugged into a USB bus powered hub.
v)
No device can draw more than 500mA from the USB bus.
The power descriptors in the internal MTP memory of the FT234XD should be programmed to match the
current drawn by the device.
A ferrite bead is connected in series with the USB power supply to reduce EMI noise from the FT234XD
and associated circuitry being radiated down the USB cable to the USB host. The value of the Ferrite
Bead depends on the total current drawn by the application. A suitable range of Ferrite Beads is available
from Laird Technologies (http://www.lairdtech.com) for example Laird Technologies Part #
MI0805K601R-10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com