Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT234XD-R Datasheet(PDF) 4 Page - Future Technology Devices International Ltd.

Part # FT234XD-R
Description  USB to BASIC UART IC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT234XD-R Datasheet(HTML) 4 Page - Future Technology Devices International Ltd.

  FT234XD-R Datasheet HTML 1Page - Future Technology Devices International Ltd. FT234XD-R Datasheet HTML 2Page - Future Technology Devices International Ltd. FT234XD-R Datasheet HTML 3Page - Future Technology Devices International Ltd. FT234XD-R Datasheet HTML 4Page - Future Technology Devices International Ltd. FT234XD-R Datasheet HTML 5Page - Future Technology Devices International Ltd. FT234XD-R Datasheet HTML 6Page - Future Technology Devices International Ltd. FT234XD-R Datasheet HTML 7Page - Future Technology Devices International Ltd. FT234XD-R Datasheet HTML 8Page - Future Technology Devices International Ltd. FT234XD-R Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
Copyright © 2015 Future Technology Devices International Limited
4
FT234XD USB TO BASIC UART IC
Version 1.2
Document No.: FT_000753 Clearance No.: FTDI#324
2 FT234XD Block Diagram
3.3 Volt LDO
Regulator
1.8 Volt LDO
Regulator
USB
Transceiver
with
Integrated
1.5k pullups
and battery
charge
detection
USB DPLL
Internal
12MHz
Oscillator
X4 Clock
Multiplier
Serial Interface
Engine
(SIE)
USB
Protocol Engine
UART FIFO
Controller
UART Controller
with
Programmable
Signal Inversion
Baud Rate
Generator
Reset
Generator
FIFO TX Buffer
(512 bytes)
FIFO RX Buffer
(512 bytes)
Internal MTP
Memory
48MHz
GND
RESET#
To USB Transceiver Cell
3V3OUT
48MHz
3V3OUT
VCC
USBDP
USBDM
1V8 Internal
Core Supply
TXD
RXD
RTS#
CTS#
CBUS0
Figure 2.1 FT234XD Block Diagram
For a description of each function please refer to Section 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com