Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT234XD-R Datasheet(PDF) 25 Page - Future Technology Devices International Ltd.

Part # FT234XD-R
Description  USB to BASIC UART IC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT234XD-R Datasheet(HTML) 25 Page - Future Technology Devices International Ltd.

Back Button FT234XD-R Datasheet HTML 21Page - Future Technology Devices International Ltd. FT234XD-R Datasheet HTML 22Page - Future Technology Devices International Ltd. FT234XD-R Datasheet HTML 23Page - Future Technology Devices International Ltd. FT234XD-R Datasheet HTML 24Page - Future Technology Devices International Ltd. FT234XD-R Datasheet HTML 25Page - Future Technology Devices International Ltd. FT234XD-R Datasheet HTML 26Page - Future Technology Devices International Ltd. FT234XD-R Datasheet HTML 27Page - Future Technology Devices International Ltd. FT234XD-R Datasheet HTML 28Page - Future Technology Devices International Ltd. FT234XD-R Datasheet HTML 29Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
Copyright © 2015 Future Technology Devices International Limited
25
FT234XD USB TO BASIC UART IC
Version 1.2
Document No.: FT_000753 Clearance No.: FTDI#324
7.3 USB to RS422 Converter
GND
Y
5
Z
6
DI
3
VCC
1
RO
2
A
8
B
7
GND
4
D
R
U2
ZT490E
Q1
IRLML6402
R4
2k
C9
0.1uF
Y
5
Z
6
DI
3
VCC
1
RO
2
A
8
B
7
GND
4
D
R
U3
ZT490E
GND
C8
0.1uF
R6
120R
R7
120R
R5
10k
TxD+
TxD-
RxD+
RxD-
RTS-
RTS+
CTS+
CTS-
GND
VBUS
C4
10nF
C3
0.1uF
C1
4.7uF
GND
GND
FB1
600R/0.5A
VBUS
1
D-
2
D+
3
GND
4
CN1
USB
C5
47pF
C6
47pF
GND
GND
C2
0.1uF
RXD
10
USBDP
12
USBDM
1
3V3OUT
3
RESET#
2
CBUS0
6
TXD
7
CTS#
11
RTS#
8
U1
FT234XD
R1
10k
C7
10nF
GND
GND
TXD
RXD
RTS#
CTS#
PWREN#
R3
27R
R2
27R
Figure 7.3 USB to RS422 Converter Configuration
An example of using the FT234XD as a USB to RS422 converter is shown in Figure 7.3. In this
application, two TTL to RS422 Level Converter ICs are used on the serial UART interface of the FT234XD
to convert the TTL levels of the FT234XD to RS422 levels. There are many suitable level converter
devices available. This example uses Zywyn ZT490E devices. P-Channel MOSFET connected in the VCC
line of ZT490E ensures that USB standby current of 2.5mA is not exceeded.
The ZT490E is specified to transmit and receive data at a rate of up to 10 Mbaud. In this example the
maximum data rate is limited to 3 Mbaud by the FT234XD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com